Electronic Components Datasheet Search
  English  ▼

X  

LSDB3 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # LSDB3
Description  SILICON BIDIRECTIONAL DIAC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

LSDB3 Datasheet(HTML) 1 Page - Micro Commercial Components

  LSDB3_11 Datasheet HTML 1Page - Micro Commercial Components LSDB3_11 Datasheet HTML 2Page - Micro Commercial Components LSDB3_11 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Maximum Ratings
Operating JunctionTemperature: -40
oC to +125oC
Storage Temperature: -40
oC to +125oC
Electrical Characteristics @ 25
oC Unless Otherwise Specified
NOTES:1.Electrical characteristics applicable in both forward and
reverse directions.
2.Connected in parallel with the devices.
SILICON
BIDIRECTIONAL
DIAC
Power dissipation
on Printed
Circuit(l=10mm)
PC
150mW
T
A=50
oC
Repetitive Peak
on-state Current
ITRM
2.0A
p
VBO
C=22nF(Note 2)
Breakover Voltage
Symmetry
|+VBO|
C=22nF(Note 2)
Output
Voltage(Note 1)
V
o(min)
5V
Breakover
Current(Note 1)
IBO(max)
50uA
C=22nF
Rise Time(Note 1)
Tr
2.0us
Leakage
Current(Note 1)
IB(max)
10uA
VB=0.5VBO(max)
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
A
20
11/05/12
Breakover Voltage: 32V
Breakover Voltage Range: 28V to
36V
LSDB3
Features
Min Typ Max
28 32 36V
±3V
Breakover Voltage
=20us,f=120Hz
t
TM
Micro Commercial Components
Quadro MELF
SUGGESTED SOLDER
PAD LAYOUT
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.130
.146
3.30
3.70
B
.008
.016
.20
.40
C
.055
.063
1.40
1.60
∅
D
.067
1.70
.155”
.022”
.065”
A
B
C
D
www.mccsemi.com
1 of 3
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
Lead Free Finish/RoHS Compliant(Note 3) ("P" Suffix designates
RoHS Compliant. See ordering information)
3.Lead in Glass Exemption Applied, see EU Directive Annex 5.


Similar Part No. - LSDB3_11

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
LSDB3 MCC-LSDB3_12 Datasheet
465Kb / 3P
SILICON BIDIRECTIONAL DIAC
More results

Similar Description - LSDB3_11

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
DB-3 SEMTECH-DB-3 Datasheet
70Kb / 1P
Silicon Bidirectional DIAC
logo
Shanghai Lunsure Electr...
DB3 CHENYI-DB3 Datasheet
108Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
Micro Commercial Compon...
LSDB3 MCC-LSDB3 Datasheet
315Kb / 3P
SILICON BIDIRECTIONAL DIAC
logo
Jinan Jingheng (Group) ...
LLDB3 JINANJINGHENG-LLDB3 Datasheet
63Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
Rugao Dachang Electroni...
DB3 DACHANG-DB3 Datasheet
88Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
Gaomi Xinghe Electronic...
DB4 GXELECTRONICS-DB4 Datasheet
310Kb / 2P
SILICON BIDIRECTIONAL DIAC
DC34 GXELECTRONICS-DC34 Datasheet
310Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
Jinan Jing Heng Electro...
DB4 JINGHENG-DB4 Datasheet
56Kb / 2P
SILICON BIDIRECTIONAL DIAC
DC34 JINGHENG-DC34 Datasheet
56Kb / 2P
SILICON BIDIRECTIONAL DIAC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com