Electronic Components Datasheet Search
  English  ▼

X  

MBR0540L Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MBR0540L
Description  0.5 Amp Schottky Rectifier 20 to 40 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBR0540L Datasheet(HTML) 1 Page - Micro Commercial Components

  MBR0540L Datasheet HTML 1Page - Micro Commercial Components MBR0540L Datasheet HTML 2Page - Micro Commercial Components MBR0540L Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.140
.152
3.55
3.85
B
.100
.112
2.55
2.85
C
.055
.071
1.40
1.80
D
-----
.053
-----
1.35
E
.012
.031
0.30
.78
G
.006
-----
0.15
-----
H
-----
.01
-----
.25
J
-----
.006
-----
.15
Features
For Surface Mount Application
Low Forward Voltage
and Extremely Low Thermal Resistance
Maximum Ratings
Operating Temperature: -65
oC to +125oC
Storage Temperature: -65
oC to +150oC
Maximum Thermal Resistance:
oC/W Junction to Ambient
MBR0520L
SD
20V
14V
20V
MBR0530L
SE
30V
21V
30V
Maximum
DC
Blocking
Voltage
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
MBR0520L
THRU
MBR0540L
0.5 Amp
Schottky Rectifier
20 to 40 Volts
0.036”
0.093"
0.048”
SUGGESTED SOLDER
PAD LAYOUT
A
B
E
C
J
D
H
G
SOD-123
www.mccsemi.com
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
TM
Micro Commercial Components
1 of 3
Lead Free Finish/RoHS Compliant ("P" Suffix
designates RoHS Compliant. See ordering information)
Revision: A
2011/01/01
MBR0540L
SF
40V
28V
40V
305
Electrical Characteristics @ 25oC Unless Otherwise Specified
Average Forward Current
IF
0.5A
Peak Forward Surge Current
IFSM
5.5A
8.3ms half sine
Maximum Forward voltage
0.385V
IF=0.5A
0.375V
IF=0.1A
0.43V
IF=0.5A
0.51V
IF=0.5A
0.62V
IF=1.0A
250uA
VR=20V
20uA
VR=15V
130uA
VR=30V
10uA
VR=20V
20uA
VR=40V
Typical Junction Capacitance
CJ
170pF
VR=0, f=1MHz
Power Dissipation
PD
410mW
MBR0520L
MBR0530L
MBR0540L
IR
75uA
VR=10V
Maximum DC Reverse Current
At Rated DC Blocking Voltage
MBR0520L
0.3V
IF=0.1A
VF
MBR0530L
MBR0540L
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1


Similar Part No. - MBR0540L

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
MBR0540L WTE-MBR0540L Datasheet
51Kb / 4P
0.5A LOW VF SURFACE MOUNT SCHOTTKY BARRIER DIODE
April, 2012
logo
Shanghai Shunye Electro...
MBR0540L SHUNYE-MBR0540L Datasheet
311Kb / 3P
LOW VF SURFACE MOUNT SCHOTTKYBARRIER RECTIFIER
V2.22
logo
Unisonic Technologies
MBR0540L-CA2-R UTC-MBR0540L-CA2-R Datasheet
83Kb / 3P
SCHOTTKY RECTIFIER DIODE
MBR0540L-CB2-R UTC-MBR0540L-CB2-R Datasheet
83Kb / 3P
SCHOTTKY RECTIFIER DIODE
logo
Won-Top Electronics
MBR0540L-T1 WTE-MBR0540L-T1 Datasheet
51Kb / 4P
0.5A LOW VF SURFACE MOUNT SCHOTTKY BARRIER DIODE
April, 2012
More results

Similar Description - MBR0540L

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBRX0520 MCC-MBRX0520 Datasheet
97Kb / 3P
0.5 Amp Schottky Rectifier 20 to 100 Volts
logo
Solid States Devices, I...
SPD2520 SSDI-SPD2520 Datasheet
167Kb / 2P
0.5 AMP 20-40 VOLTS SCHOTTKY RECTIFIER
logo
Unisonic Technologies
MBR0560 UTC-MBR0560 Datasheet
82Kb / 2P
0.5 AMP SCHOTTKY RECTIFIER 20 to 100 VOLTS
logo
Gaomi Xinghe Electronic...
MBR0540 GXELECTRONICS-MBR0540 Datasheet
692Kb / 2P
0.5 Amp Schottky Rectifier 20 to 80 Volts
logo
Micro Commercial Compon...
MBR0520-TP MCC-MBR0520-TP Datasheet
323Kb / 3P
0.5 Amp Schottky Rectifier 20 to 80 Volts
MBR0540-TP MCC-MBR0540-TP Datasheet
323Kb / 3P
0.5 Amp Schottky Rectifier 20 to 80 Volts
MBR0580-TP MCC-MBR0580-TP Datasheet
283Kb / 4P
0.5 Amp Schottky Rectifier 20 to 80 Volts
B0540W MCC-B0540W Datasheet
321Kb / 2P
0.5 Amp Schottky Rectifier 40 Volts
B0540WS MCC-B0540WS Datasheet
400Kb / 4P
0.5 Amp Schottky Rectifier 40 Volts
MBR0520L MCC-MBR0520L_17 Datasheet
210Kb / 3P
0.5 Amp Low VF Schottky Rectifier 20 to 40 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com