Electronic Components Datasheet Search
  English  ▼

X  

MBR740 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # MBR740
Description  7.5 Amp Schottky Barrier Rectifier 20 to 60 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBR740 Datasheet(HTML) 2 Page - Micro Commercial Components

  MBR740 Datasheet HTML 1Page - Micro Commercial Components MBR740 Datasheet HTML 2Page - Micro Commercial Components MBR740 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MBR720 thru MBR760
Instantaneous Reverse Leakage Current - MicroAmperesversus
Percent Of Rated Peak Reverse Voltage - Volts
Average Forward Rectified Current - Amperesversus
Ambient Temperature -
°C
Figure 3
Forward Derating Curve
25
50
100
150
175
0
0
2
4
6
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Amps
°C
75
8
10
12
Instantaneous Forward Current - Amperesversus
Instantaneous Forward Voltage - Volts
Figure 1
Typical Forward Characteristics
Volts
4
6
20
10
Amps
.2
.3
.4
.5
.6
.8
.01
.02
.04
.06
.1
.2
.4
.6
1
2
25
°C
40
60
100
1.0
Figure 2
Typical Reverse Characteristics
Volts
.4
.6
2
1
µAmps
20
120
40
60
80
100
.001
.002
.004
4
.006
.01
.02
.04
.06
.1
.2
4
6
10
140
TJ=25
°C
MCC
1
100
4
0
25
50
75
8
Figure 4
Peak Forward Surge Current
Peak Forward Surge Current - Amperesversus
Number Of Cycles At 60Hz - Cycles
Amps
Cycles
2
610
20
60 80
40
100
125
150
Revision:
6
200
8/01/01
TM
Micro Commercial Components
www.mccsemi.com
2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com