Electronic Components Datasheet Search
  English  ▼

X  

MBR1040 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MBR1040
Description  10 Amp Schottky Barrier Rectifier 20 to 100 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBR1040 Datasheet(HTML) 1 Page - Micro Commercial Components

  MBR1040 Datasheet HTML 1Page - Micro Commercial Components MBR1040 Datasheet HTML 2Page - Micro Commercial Components MBR1040 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MBR1020
THRU
MBR10100
10 Amp
Schottky Barrier
Rectifier
Features
Maximum Ratings
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
MBR1020
MBR1020
20V
14V
20V
MBR1030
MBR1030
30V
21V
30V
MBR1035
MBR1035
35V
24.5V
35V
MBR1040
MBR1040
40V
28V
40V
MBR1045
MBR1045
45V
31.5V
45V
MBR1060
MBR1060
60V
42V
60V
MBR10100 MBR10100
100V
70V
100V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
10A
TC = 125
°C
Peak Forward Surge
Current
IFSM
150A
8.3ms, half sine
Maximum Forward
Voltage Drop Per
Element
A
B
C
K
J
I
G
F
D
N
M
L
H
PIN 1
PIN 2
CASE
PIN
12

INCHES
MM






A
.560
.625
14.22
15.88
B
.380
.420
9.65
10.67
C
.100
.135
2.54
3.43
D
.230
.270
5.84
6.86
F
------
.250
------
6.35
G
.500
.580
12.70
14.73
H
.190
.210
4.83
5.33
I
.020
.045
0.51
1.14
J
.012
.025
0.30
0.64
K
.139
.161
3.53
4.09
L
.140
.190
3.56
4.83
M
.045
.055
1.14
1.40
N
.080
.115
2.03
2.92

CJ
400pF
Measured at
1.0MHz, VR=4.0V
TO-220AC
20 to 100 Volts
MBR1080
MBR1080
80V
56V
80V
Typical Junction
Capacitance
MBR1020-1045
MBR1060
MBR1080-10100
VF
.84V
IFM = 20 A mper
TA =
I
= 10 A mper
FM
.84V
.95V
25
°C
IR
0.15mA
0.1mA
TJ = 25
°C
MBR1020-1045
MBR1060-10100
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
6
200
8/01/01
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +175°C
•
Metal of siliconrectifier, majonty carrier conducton
•
Guard ring for transient protection
•
Low power loss high efficiency
•
High surge capacity, High current capability
•
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
and MSL Rating 1
Notes: 1. High Temperature Solder Exemption Applied, see EU Directive Annex 7.


Similar Part No. - MBR1040

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR1040 DIODES-MBR1040 Datasheet
56Kb / 2P
10A SCHOTTKY BARRIER RECTIFIER
DS23009 Rev. G-2
logo
Micro Commercial Compon...
MBR1040 MCC-MBR1040 Datasheet
141Kb / 2P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Diodes Incorporated
MBR1040 DIODES-MBR1040 Datasheet
75Kb / 3P
10A SCHOTTKY BARRIER RECTIFIER
DS23009 Rev. 9 - 2
logo
Pan Jit International I...
MBR1040 PANJIT-MBR1040 Datasheet
425Kb / 2P
10 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Galaxy Semi-Conductor H...
MBR1040 BILIN-MBR1040 Datasheet
210Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - MBR1040

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR1020 MCC-MBR1020 Datasheet
141Kb / 2P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRF1020 MCC-MBRF1020 Datasheet
99Kb / 2P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRF1020CT MCC-MBRF1020CT Datasheet
390Kb / 2P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
SBL1020 MCC-SBL1020 Datasheet
391Kb / 2P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR1020FCT MCC-MBR1020FCT_10 Datasheet
259Kb / 3P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Kersemi Electronic Co.,...
MBR10100FCT KERSEMI-MBR10100FCT Datasheet
1Mb / 2P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRF1040CT KERSEMI-MBRF1040CT Datasheet
993Kb / 2P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
MBR1020 MCC-MBR1020_17 Datasheet
434Kb / 3P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR1020F MCC-MBR1020F_13 Datasheet
195Kb / 3P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR1020FCT MCC-MBR1020FCT_13 Datasheet
210Kb / 3P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com