Electronic Components Datasheet Search
  English  ▼

X  

MBR1045CT Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MBR1045CT
Description  10 Amp Schott ky Barrier Rectifier 30-60 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBR1045CT Datasheet(HTML) 1 Page - Micro Commercial Components

  MBR1045CT Datasheet HTML 1Page - Micro Commercial Components MBR1045CT Datasheet HTML 2Page - Micro Commercial Components MBR1045CT Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
THRU
10 Amp
Schottky Barrier
Rectifier
Features
Maximum Ratings
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
•
Metal of silicon rectifier, majority carrier conduction
•
Guard ring for transient protection
•
Low power loss high efficiency
•
High surge capacity, High current capability
MBR1035CT MBR1035CT
35V
24.5V
35V
MBR1040CT MBR1040CT
40V
28V
40V
MBR1045CT MBR1045CT
45V
31.5V
45V
MBR1050CT MBR1050CT
50V
35V
50V
MBR1060CT MBR1060CT
60V
42V
60V
MBR1030CT MBR1030CT
30V
21V
30V
MBR1030CT
MBR1060CT
Maximum Forward
Voltage Drop Per
Element
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
TJ = 125
°C
Peak Forward Surge
Current
IFSM
125A
8.3ms, half sine
15mA
0.1mA
TJ = 25
°C
VF
.70V
IFM = 5A
TJ = 25
°C
MBR1030CT-45CT
MBR1050CT-60CT
MBR1030CT-45CT
MBR1050CT-60CT
.80V
.57V
.65V
IFM = 5A
TJ = 125
°C
Typical Junction
Capacitance
MBR1030CT-45CT
MBR1050CT-60CT
220pF
170pF
CJ
Measured at
1.0MHz, VR=4.0V
Revision:
8
200
8/01/01
PIN 1
PIN 3
PIN 2
CASE
:
TO-220AB
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
F
G
R
B
Q
H
U
C
J
K
A
S
T
1
3
2
N
V
D
L
MIN
MAX
NOTE
A
.560
.625
14.22
15.88
B
.380
.420
9.65
10.67
C
.140
.190
3.56
4.82
D
.020
.045
0.51
1.14
F
.139
.161
3.53
4.09
∅
G
.190
.110
2.29
2.79
H
---
.250
---
6.35
J
.012
.025
0.30
0.64
K
.500
.580
12.70
14.73
L
.045
.060
1.14
1.52
N
.190
.210
4.83
5.33
Q
.100
.135
2.54
3.43
R
.080
.115
2.04
2.92
S
.045
.055
1.14
1.39
T
.230
.270
5.84
6.86
U
-----
.050
-----
1.27
V
.045
-----
1.15
-----
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
30-60 Volts
•
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +175°C
•
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
and MSL Rating 1
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
10A
TC = 105
°C
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Notes:1.High Temperature Solder Exemption Applied, see EU Directive Annex 7.


Similar Part No. - MBR1045CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR1045CT DIODES-MBR1045CT Datasheet
64Kb / 2P
10A SCHOTTKY BARRIER RECTIFIER
DS30027 Rev. A-2
logo
Micro Commercial Compon...
MBR1045CT MCC-MBR1045CT Datasheet
647Kb / 2P
10 Am p Schott ky Barrier Rectifier 30-60 Volts
logo
Diodes Incorporated
MBR1045CT DIODES-MBR1045CT Datasheet
77Kb / 2P
10A SCHOTTKY BARRIER RECTIFIER
DS30027 Rev. 2 - 2
logo
Taiwan Semiconductor Co...
MBR1045CT TSC-MBR1045CT Datasheet
99Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
MBR1045CT TSC-MBR1045CT Datasheet
169Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - MBR1045CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR1030CT MCC-MBR1030CT Datasheet
647Kb / 2P
10 Am p Schott ky Barrier Rectifier 30-60 Volts
MBR1080CT MCC-MBR1080CT Datasheet
881Kb / 2P
10 Am p Schott ky Barrier Rectifier 80-100 Volts
MBR1620CT MCC-MBR1620CT Datasheet
919Kb / 2P
16 Amp Schott ky Barr ier Rectifier 20 to 60 Volts
MBRB820 MCC-MBRB820 Datasheet
105Kb / 2P
Schott ky Barrier Rectifier 20 to 100 Volts 8.0 Am p
MBR1080CT MCC-MBR1080CT_08 Datasheet
153Kb / 3P
10 Amp Schott ky Barrier Rectifier 80-100 Volts
logo
Kersemi Electronic Co.,...
MBR10100CT KERSEMI-MBR10100CT Datasheet
1Mb / 2P
10AMp Schott ky Barrier Rectifier 80-100 Volts
logo
DONGGUAN YOU FENG WEI E...
MBR20100CT-TO220F YFWDIODE-MBR20100CT-TO220F Datasheet
360Kb / 2P
TO- 220F SCHOTT KY BARRIER RECTIFIERS
MBR20100CT YFWDIODE-MBR20100CT Datasheet
360Kb / 2P
SCHOTT KY BARRIER RECTIFIERS
logo
Micro Commercial Compon...
MBR1080CT MCC-MBR1080CT_13 Datasheet
268Kb / 3P
10 Amp Schott ky Barrier Rectifier 80-100 Volts
MBRB1030CT MCC-MBRB1030CT_17 Datasheet
209Kb / 3P
10 Amp Schottky Barrier Rectifier 30 to 60 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com