Electronic Components Datasheet Search
  English  ▼

X  

LM24022 Datasheet(PDF) 1 Page - Sharp Corporation

Part # LM24022
Description  Medium Size Graphic Type LCD Module(FA/POS/Measuring instruments)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LM24022 Datasheet(HTML) 1 Page - Sharp Corporation

  LM24022 Datasheet HTML 1Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Medium Size Graphic Type LCD Module
LM24022
(FA/POS/Measuring instruments)
Features
s 7 cm [2.7"] 1/8 VGA format
s Wide temperature range
s B/W transflective display
(Topr : -10
°C to +60°C, Tstg : -25°C to +70°C)
s Built-in LED backlight
Specifications
Parameter
Unit
Parameter
Unit
Display sizes
7 [2.7]
cm [ "]
Brightness
10
cd/m2
Dot format(H x V)
240 x 160
dot
Duty ratio
1/160
-
Dot pitch (H x V)
0.24 x 0.24
mm
Backlight type
LED
-
Active area (H x V)
57.6 x 38.4
mm
Power consumption
32
mW
Panel type
FSTN
-
Outline dimensions (W x H x D) 80.5(87.0) x 63.0 x 8.2
mm
Panel mode
Transflective
-
Weight
60
g
Color
B/W
-
Operating temperature
-10 to +60
°C
Contrast ratio
6 : 1
-
Storage temperature
-25 to +70
°C
Response time
- 390
ms
Outline Dimensions
unit : mm
0.24P
0.22
2.2
87
1
0.8
38.7
85.5
80.5
PIN1
(61 x 42)
(60 x 42)
8.2
6
0.5
CN1
PIN1
13.6(0.8P x 17)
PIN18
6
0.5
37.1
Bezel Opening Area
70
PIN2
Viewing Area
Active Area
(57.58 x 38.38)


Similar Part No. - LM24022

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2402 NSC-LM2402 Datasheet
816Kb / 11P
Monolithic Triple 3 ns CRT Driver
logo
Texas Instruments
LM2402 TI1-LM2402 Datasheet
585Kb / 14P
Monolithic Triple 3 nS CRT Driver
logo
National Semiconductor ...
LM2402T NSC-LM2402T Datasheet
816Kb / 11P
Monolithic Triple 3 ns CRT Driver
More results

Similar Description - LM24022

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LM16155 SHARP-LM16155 Datasheet
18Kb / 1P
Character Type LCD Module(FA/POS/Measuring instruments)
LM16A21 SHARP-LM16A21 Datasheet
19Kb / 1P
Character Type LCD Module(FA/POS/Measuring instruments)
LM202KS1 SHARP-LM202KS1 Datasheet
19Kb / 1P
Character Type LCD Module(FA/POS/Measuring instruments)
LM20A21 SHARP-LM20A21 Datasheet
18Kb / 1P
Character Type LCD Module(FA/POS/Measuring instruments)
LM40X21B SHARP-LM40X21B Datasheet
19Kb / 1P
Character Type LCD Module(FA/POS/Measuring instruments)
LM64K104 SHARP-LM64K104 Datasheet
110Kb / 1P
Large Size Graphic Type LCD Module(FA/POS/Measuring instruments)
LM64K112 SHARP-LM64K112 Datasheet
117Kb / 1P
Large Size Graphic Type LCD Module(FA/POS/Measuring instruments)
LM64K837 SHARP-LM64K837 Datasheet
113Kb / 1P
Large Size Graphic Type LCD Module(FA/POS/Measuring instruments)
LM64P83L SHARP-LM64P83L Datasheet
113Kb / 1P
Large Size Graphic Type LCD Module(FA/POS/Measuring instruments)
LM64P89L SHARP-LM64P89L Datasheet
110Kb / 1P
Large Size Graphic Type LCD Module(FA/POS/Measuring instruments)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com