Electronic Components Datasheet Search
  English  ▼

X  

1SS400 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # 1SS400
Description  200mW, SMD High Speed Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1SS400 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  1SS400 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1SS400 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1SS400 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1SS400
200mW, SMD High Speed Switching Diode
Small Signal Diode
Fast switching device(Trr<4.0nS)
Surface device type mounting
Moisture sensitivity level 1
Matte Tin(Sn) lead finish
Pb free version,RoHS compliant
Case : Flat lead SOD-523F small outline plastic package
Min
Max
Min
Max
0.70
0.90
0.028 0.035
1.50
1.70
0.059 0.067
0.25
0.40
0.010 0.016
1.10
1.30
0.043 0.051
0.60
0.70
0.024 0.028
0.10
0.14
0.004 0.006
Part No.
Packing Code
Package
Packing
Marking
1SS400
RK
SOD-523F
3K / 7" Reel
A
1SS400
RKG
SOD-523F
3K / 7" Reel
A
Maximum Ratings
SOD-523F
Maximum Ratings and Electrical Characteristics
Features
Mechanical Data
Terminal: Matte tin plated, lead free., solderable
per MIL-STD-202, Method 208 guaranteed
Green compound (Halogen free) with suffix "G" on
packing code and prefix "G" on date code
High temperature soldering guaranteed: 260 °C/10s
C
D
Peak Forward Surge Current
IFSM
mA
mA
VRRM
Power Dissipation
Repetitive Peak Reverse Voltage
PD
Type Number
Polarity : Indicated by cathode band
Rating at 25°C ambient temperature unless otherwise specified.
Ordering Information
Symbol
Weight : 1.68±0.5 mg
Marking Code : A
E
Unit (inch)
Pin Configuration
Suggested PAD Layout
°C/W
625
Dimensions
F
Unit (mm)
A
B
Storage Temperature Range
TJ,TSTG
-55 to + 150
°C
RθJA
Thermal Resistance (Junction to Ambient)
500
Units
mW
V
V
Value
200
100
Reverse Voltage
VR
100
200
Mean Forward Current
IO
D
A
B
C
E
F
Version :A11


Similar Part No. - 1SS400

ManufacturerPart #DatasheetDescription
logo
Rohm
1SS400 ROHM-1SS400 Datasheet
359Kb / 3P
Switching diode
logo
Leshan Radio Company
1SS400 LRC-1SS400 Datasheet
50Kb / 2P
Switching diode
logo
Weitron Technology
1SS400 WEITRON-1SS400 Datasheet
520Kb / 3P
Surface Mount Switching Diodes
logo
Pan Jit International I...
1SS400 PANJIT-1SS400 Datasheet
140Kb / 4P
SURFACE MOUNT SWITCHING DIODE
logo
TRANSYS Electronics Lim...
1SS400 TEL-1SS400 Datasheet
96Kb / 2P
Plastic-Encapsulate Diodes
More results

Similar Description - 1SS400

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1N914BWS TSC-1N914BWS Datasheet
100Kb / 2P
200mW High Speed SMD Switching Diode
1N4148WS TSC-1N4148WS_10 Datasheet
171Kb / 3P
200mW High Speed SMD Switching Diode
BAS316WS TSC-BAS316WS Datasheet
95Kb / 3P
200mW, High-speed switching SMD Diode
TS4148CRZG TSC-TS4148CRZG Datasheet
130Kb / 2P
200mW High Speed SMD Switching Diode
logo
Micro Commercial Compon...
1N4148WX-TP MCC-1N4148WX-TP Datasheet
189Kb / 3P
High Speed Switching Diode 200mW
logo
Taiwan Semiconductor Co...
1N4X48WS TSC-1N4X48WS Datasheet
406Kb / 3P
200mW High Speed SMD Switching Diode
1N4148WS TSC-1N4148WS_15 Datasheet
186Kb / 4P
200mW High Speed SMD Switching Diode
1SS355 TSC-1SS355_14 Datasheet
163Kb / 3P
200mW High Speed SMD Switching Diode
BAS316WS TSC-BAS316WS_15 Datasheet
201Kb / 4P
200mW High-Speed Switching SMD Diode
TS4148C TSC-TS4148C_14 Datasheet
206Kb / 4P
200mW High Speed SMD Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com