Electronic Components Datasheet Search
  English  ▼

X  

BAS70-06 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BAS70-06
Description  200m Watts Surface Mount Schottky Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAS70-06 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BAS70-06 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAS70-06 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.4- TYPICAL REVERSE CHARACTERISTICS
RATINGS AND CHARACTERISTIC CURVES (BAS70 / -04 / -05 / -06)
FIG.1- POWER DERATING CURVE
0
25
50
75
100
125
200
100
0
T , AMBIENT TEMPERATURE ( C)
A
Version: C07
FIG.6- TYPICAL TRANSIENT THERMAL
CHARACTERISTICS
1
0.01
0.1
10
100
100
10
1
0.1
PULSE DURATION. (sec)
FIG.2- MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT PER LEG
1
2
5
10
20
100
50
100
50
0
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine Wave
(JEDEC Method)
FIG.3- TYPICAL FORWARD CHARACTERISTICS
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
100
10
1
0.1
FIG.5- TYPICAL TOTAL CAPACITANCE VS
REVERSE VOLTAGE
2.0
1.0
0
0
5
10
15
20
REVERSE VOLTAGE
f = 1.0MHz
10
20
30
40
50
60
70
10000
1000
100
10
1
0.1
V , REVERSE VOLTAGE. (V)
R
0
T= -40 C
A
0
T= 0 C
A
0
T= 25 C
A
0
T = 125 C
A
0
T= 75 C
A
0
T= -40 C
A
0
T= 25 C
A
0
T = 125 C
A
0
T= 75 C
A
0
V
VOLTAGE. (V)
F, INSTANTANEOUS FORWARD
T= 0 C
A
0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com