Electronic Components Datasheet Search
  English  ▼

X  

BAS316WSRRG Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BAS316WSRRG
Description  200mW, High-speed switching SMD Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAS316WSRRG Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BAS316WSRRG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAS316WSRRG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAS316WSRRG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAS316WS
200mW, High-speed switching SMD Diode
Small Signal Diode
Fast switching device(Trr<4.0nS)
Surface device type mounting
Moisture sensitivity level 1
Matte Tin(Sn) lead finish
Pb free version, RoHS compliant
Min
Max
Min
Max
Case : Flat lead SOD-323F small outline plastic package
1.15
1.40
0.045 0.055
2.30
2.80
0.091 0.106
0.25
0.40
0.010 0.016
1.60
1.80
0.063 0.071
0.80
1.10
0.031 0.043
0.05
0.15
0.002 0.006
Package
SOD-323F
SOD-323F
Maximum Ratings and Electrical Characteristics
Maximum Ratings
1 usec
1 msec
Operating Junction Temperature
TJ
150
°C
Notes: 1. The suggested land pattern dimensions have been provided for reference only, as actual pad layouts
may vary despending on application.
Ordering Information
Part No.
Packing
TSTG
200
E
C
A
F
D
Terminal: Matte tin plated, lead free., solderable
per MIL-STD-202, Method 208 guaranteed
Unit (mm)
Unit (inch)
Dimensions
B
SOD-323F
Features
Mechanical Data
A
Power Dissipation
250
Green compound (Halogen free) with suffix "G" on
packing code and prefix "G" on date code
High temperature soldering guaranteed: 260
°C/10s
BAS316WS RR
3Kpcs / 7" Reel
Polarity : Indicated by cathode band
Weight : 4.6±0.5 mg
Marking Code : W2
Pin Configuration
Non-Repetitive Peak Forward Surge Current
Pulse Width=
4.0
BAS316WS RRG
3Kpcs / 7" Reel
IFSM
1.0
Suggested PAD Layout
Units
Value
Symbol
Rating at 25
°C ambient temperature unless otherwise specified.
Type Number
Dimensions
Unit (mm)
X
0.710
Storage Temperature Range
Average Forward Current
mW
IO
PD
Pulse Width=
°C
-65 to + 150
mA
X1
2.900
Y
0.403
X1
Y(2X)
X(2X)
Version : A10


Similar Part No. - BAS316WSRRG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BAS316WSRRG TSC-BAS316WSRRG Datasheet
201Kb / 4P
200mW High-Speed Switching SMD Diode
More results

Similar Description - BAS316WSRRG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1N914BWS TSC-1N914BWS Datasheet
100Kb / 2P
200mW High Speed SMD Switching Diode
1N4148WS TSC-1N4148WS_10 Datasheet
171Kb / 3P
200mW High Speed SMD Switching Diode
1SS400 TSC-1SS400 Datasheet
349Kb / 3P
200mW, SMD High Speed Switching Diode
TS4148CRZG TSC-TS4148CRZG Datasheet
130Kb / 2P
200mW High Speed SMD Switching Diode
logo
Micro Commercial Compon...
1N4148WX-TP MCC-1N4148WX-TP Datasheet
189Kb / 3P
High Speed Switching Diode 200mW
logo
Taiwan Semiconductor Co...
1N4X48WS TSC-1N4X48WS Datasheet
406Kb / 3P
200mW High Speed SMD Switching Diode
1N4148WS TSC-1N4148WS_15 Datasheet
186Kb / 4P
200mW High Speed SMD Switching Diode
1SS355 TSC-1SS355_14 Datasheet
163Kb / 3P
200mW High Speed SMD Switching Diode
BAS316WS TSC-BAS316WS_15 Datasheet
201Kb / 4P
200mW High-Speed Switching SMD Diode
TS4148C TSC-TS4148C_14 Datasheet
206Kb / 4P
200mW High Speed SMD Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com