Electronic Components Datasheet Search
  English  ▼

X  

MBR10150FCT Datasheet(PDF) 2 Page - Micro Commercial Components

Part # MBR10150FCT
Description  10 Amp HighVoltage Power Schottky Barrier Rectifier 150 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBR10150FCT Datasheet(HTML) 2 Page - Micro Commercial Components

  MBR10150FCT Datasheet HTML 1Page - Micro Commercial Components MBR10150FCT Datasheet HTML 2Page - Micro Commercial Components MBR10150FCT Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MBR
10150FCT
Instantaneous Reverse Leakage Current
- MicroAmperes versus
Rated Peak Reverse Voltage - Volts
Average Forward Rectified Current - Amperes
versus
Ambient Temperature -
°C
Figure 3
Forward Derating Curve
25
50
100
125
150
0
0
2
4
6
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Amps
°C
75
8
10
Figure 2
Typical Reverse Characteristics
Volts
MCC
1
100
4
0
20
40
60
8
Figure 4
Peak Forward Surge Current
Peak Forward Surge Current - Amperes
versus
Number Of Cycles At 60Hz - Cycles
Amps
Cycles
2
610
20
60 80
40
80
100
120
Revision:
6
20
10/01/05
Maximum Forward Characteristics
Figure 1
Instantaneous Forward Current - Amperesversus
Instantaneous Forward Voltage - Volts
Amps
25
°C
Volts
0
0.
2 0.4 0.6
0.1
1.0
10
100
12
0.
81.0 1.2 1.4
uAmps
0
50
100
125
75
25
150
1.8 2.0
1.6
0.01
0.1
1.0
10
100
1000
10000
100000
TJ = 25
°C
TJ = 75
°C
TJ = 125
°C
TJ = 150
°C
TM
Micro Commercial Components
www.mccsemi.com
2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com