Electronic Components Datasheet Search
  English  ▼

X  

BZX79C10 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # BZX79C10
Description  500mW,5% Tolerance Zener Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZX79C10 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  BZX79C10 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZX79C10 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZX79C10 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZX79C10 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
BZX79C2V4-BZX79C75
500mW,5% Tolerance Zener Diode
Small Signal Diode
Tape & Reel specification
260+/-3
48+/-1
20+/-0.5
72+3/-1
0.55(MAX)
0.69(MAX)
3.2Min
0
52.0+/-0.69
5.08+/-0.40
+/-0.69
1.2 Max
H
G
F
E
W1
D2
D1
D
Reel outside diameter
Reel inner diameter
Feed hole width
Reel width
Tape Mismatch
Glass offset
Taped lead
lead beyond tape
Symbol
Dimension(mm)
Untaped lead
Bent
K
L1-L2
C
B
A
64+1.69/-0.69
Tape spacing
Component Pitch
Item
Overall width
E
L2
L1
F
G
H
B
A
C
K
W1
D1
D2
D
Version : B11



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com