Electronic Components Datasheet Search
  English  ▼

X  

MBR16100CT Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MBR16100CT
Description  16 Amp Schootky Barrier Rectifier 100 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBR16100CT Datasheet(HTML) 1 Page - Micro Commercial Components

  MBR16100CT Datasheet HTML 1Page - Micro Commercial Components MBR16100CT Datasheet HTML 2Page - Micro Commercial Components MBR16100CT Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MBR16100CT
16 Amp
Features
MCC
Catalog
Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
MBR16100CT MBR16100CT
100 V
70V
100 V
         
MCC
PIN 1
PIN 3
PIN 2
CASE
100 Volts
Maximum Ratings
•
Storage Temperature: - 50
°C to +150°C
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
Typical Junction
Capacitance
VF
IFM = 8A
TJ = 25
°C
.85V
.75V
TJ = 125
°C
IR
CJ
275
pF
Measured at
1.0MHz, VR=4.0V
I
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
16A
TC = 100
°C
Peak Forward Surge
Current
IFSM
125A
8.3ms, half sine
Maximum Forward
Voltage Drop Per
Element
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
0.1mA
100mA T J = 125
°C
TJ = 25
°C
Device
Marking
Revision:
8
200
8/01/01
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
G
R
B
Q
H
U
L
D
C
J
K
A
F
S
T
1
3
2
N
V
TO-220AB
MIN
MAX
NOTE
A
.560
.625
14.22
15.88
B
.380
.420
9.65
10.67
C
.140
.190
3.56
4.82
D
.020
.045
0.51
1.14
F
.139
.161
3.53
4.09
∅
G
.190
.110
2.29
2.79
H
---
.250
---
6.35
J
.012
.025
0.30
0.64
K
.500
.580
12.70
14.73
L
.045
.060
1.14
1.52
N
.190
.210
4.83
5.33
Q
.100
.135
2.54
3.43
R
.080
.115
2.04
2.92
S
.045
.055
1.14
1.39
T
.230
.270
5.84
6.86
U
-----
.050
-----
1.27
V
.045
-----
1.15
-----
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
•
Guard ring for transient protection
•
Low power loss high efficiency
•
High surge capacity,High current capability
• Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
and MSL Rating 1
• Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Operating Temperature :-50
oC to +150oC
Schootky Barrier
Rectifier
Notes:1.High Temperature Solder Exemption Applied, see EU Directive Annex 7.


Similar Part No. - MBR16100CT

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MBR16100CT MICROSEMI-MBR16100CT Datasheet
134Kb / 2P
20 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Lite-On Technology Corp...
MBR16100CT LITEON-MBR16100CT Datasheet
41Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Sirectifier Semiconduct...
MBR16100CT SIRECTIFIER-MBR16100CT Datasheet
101Kb / 2P
Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
logo
ON Semiconductor
MBR16100CT ONSEMI-MBR16100CT Datasheet
124Kb / 5P
SWITCHMODE Power Rectifier
May, 2008 ??Rev. 5
logo
Pan Jit International I...
MBR16100CT PANJIT-MBR16100CT Datasheet
86Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - MBR16100CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR1620FCT MCC-MBR1620FCT Datasheet
761Kb / 3P
16 Amp Schottky Rectifier 20-100 Volts
MBR1620FCT MCC-MBR1620FCT_10 Datasheet
123Kb / 3P
16 Amp Schottky Rectifier 20-100 Volts
logo
Kersemi Electronic Co.,...
MBR16100CT KERSEMI-MBR16100CT Datasheet
897Kb / 2P
16 Amp Schootky Barrier Rectifier 100 Volts
MBR16100FCT KERSEMI-MBR16100FCT Datasheet
1Mb / 2P
16 Amp Schottky Rectifier 20-100 Volts
logo
Micro Commercial Compon...
MBR15U100 MCC-MBR15U100 Datasheet
453Kb / 3P
15 Amp Schottky Barrier Rectifier 100 Volts
MBR1620FCT MCC-MBR1620FCT_13 Datasheet
257Kb / 3P
16 Amp Schottky Rectifier 20-100 Volts
MBR12100AULPS MCC-MBR12100AULPS Datasheet
331Kb / 2P
12 Amp Schottky Barrier Rectifier 100 Volts
MBR16100CT MCC-MBR16100CT_13 Datasheet
291Kb / 3P
16 Amp 100 Volts Schootky Barrier Rectifier
MBRB30100CT MCC-MBRB30100CT Datasheet
276Kb / 3P
30 Amp Schottky Barrier Rectifier 100 Volts
SR5010H MCC-SR5010H Datasheet
258Kb / 3P
5 Amp Schottky Barrier Rectifier 100 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com