Electronic Components Datasheet Search
  English  ▼

X  

BZX85C30 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BZX85C30
Description  1.3W,5% Tolerance Zener Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZX85C30 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BZX85C30 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZX85C30 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZX85C30 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BZX85C3V3-BZX85C56
1.3W,5% Tolerance Zener Diode
Small Signal Diode
VZ Tolerance Selection of ±5%
Hermetically Sealed Glass.
Pb free version and RoHS compliant
Min
Max
Min
Max
Case :DO-41 Solder Hot Dip Tin (Sn) lead finish
0.
68
0.8
1
0.027 0.032
3.70
4.25
0.146 0.167
25.40
-
1.000
-
2.
10
2.
60 0.083 0.102
Part No.
Package code Package
BZX85C3V3-56
A0
DO-41
BZX85C3V3-56
R0
DO-41
Maximum Ratings
IF=10mA
Notes:1. Valid provided that electrodes are kept at ambient temperature
VBR
: Voltage at IZK
IZK
: Test current for voltage VBR
ZZK
: Dynamic impedance at IZK
IZT
: Test current for voltage VZ
VZ
: Voltage at current IZT
ZZT
: Dynamic impedance at IZT
IZM
: Maximum steady state current
VZM
: Voltage at IZM
DO-41 Axial Lead
HERMETICALLY SEALED GLASS
Designed for through-Hole Device Type Mounting.
°C
Zener I vs. V Characteristics
V
Thermal Resistance (Junction to Ambient)
(Note 1)
RθJA
130
°C/W
Forward Voltage
1.2
TJ, TSTG
Units
PD
W
Rating at 25°C ambient temperature unless otherwise specified.
Type Number
D
Ordering Information
-55 to + 175
Value
1.3
Junction and Storage Temperature Range
VF
High reliability glass passivation insuring parameter
stability and protection against junction contamination.
Power Dissipation
Symbol
Polarity : Indicated by cathode band
Weight : 310 mg
A
B
C
Maximum Ratings and Electrical Characteristics
Features
Mechanical Data
Lead: Axial leads, solderable per
MIIL-STD-202, Method 2025
Unit (mm)
Wide zener voltage range selection : 3.3V to 56V
Unit (inch)
Dimensions
Packing
5Kpcs / 14" Reel
3Kpcs / Ammo
Voltage
Current
IF
VF
VR
IR
VBR
IZK
VZ
IZT
VZM
IZM
Forward Region
Leakage Region
BreakdownRegion
Version : D11
A
B
C
D


Similar Part No. - BZX85C30

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX85C30 VISHAY-BZX85C30 Datasheet
58Kb / 5P
Silicon Epitaxial Planar Z-Diodes
01-Apr-99
logo
Fairchild Semiconductor
BZX85C30 FAIRCHILD-BZX85C30 Datasheet
49Kb / 3P
Zeners
logo
EIC discrete Semiconduc...
BZX85C30 EIC-BZX85C30 Datasheet
18Kb / 2P
SILICON ZENER DIODES
logo
GOOD-ARK Electronics
BZX85C30 GOOD-ARK-BZX85C30 Datasheet
129Kb / 3P
SILICON PLANAR POWER ZENER DIODES
logo
Fairchild Semiconductor
BZX85C30 FAIRCHILD-BZX85C30 Datasheet
53Kb / 5P
Zeners
More results

Similar Description - BZX85C30

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CLL4729A CENTRAL-CLL4729A Datasheet
51Kb / 2P
1.0W ZENER DIODE 5% TOLERANCE
logo
Diotech Company.
BZX85C3V3 DIOTECH-BZX85C3V3 Datasheet
1Mb / 3P
1.3W EPITAXIAL ZENER DIODE
logo
Taiwan Semiconductor Co...
BZX79C2V4 TSC-BZX79C2V4 Datasheet
330Kb / 4P
500mW,5% Tolerance Zener Diode
BZX79C2V0 TSC-BZX79C2V0_11 Datasheet
360Kb / 4P
500mW,5% Tolerance Zener Diode
BZT52C2V4-G TSC-BZT52C2V4-G Datasheet
99Kb / 4P
5% Zener Voltage Tolerance Zener Diode
BZT52C2V4S TSC-BZT52C2V4S_14 Datasheet
247Kb / 5P
5% Tolerance SMD Zener Diode
BZV55C2V4 TSC-BZV55C2V4_14 Datasheet
240Kb / 5P
5% Tolerance SMD Zener Diode
BZX79C2V0 TSC-BZX79C2V0_14 Datasheet
239Kb / 5P
5% Tolerance Zener Diode
BZX85C3V3 TSC-BZX85C3V3_14 Datasheet
211Kb / 4P
5% Tolerance Zener Diode
BZY55C2V4 TSC-BZY55C2V4_14 Datasheet
241Kb / 5P
5% Tolerance SMD Zener Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com