Electronic Components Datasheet Search
  English  ▼

X  

MBR20120CT Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MBR20120CT
Description  20 Amp High Voltage Power Schottky Barrier Rectifier 120Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBR20120CT Datasheet(HTML) 1 Page - Micro Commercial Components

  MBR20120CT Datasheet HTML 1Page - Micro Commercial Components MBR20120CT Datasheet HTML 2Page - Micro Commercial Components MBR20120CT Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MBR20120CT
20 Amp High Voltage
Features
MCC
Catalog
Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
MBR 20120 CT
120 V
84V
120 V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
20 A
TC =120
°C
Peak Forward Surge
Current
IFSM
150A
8.3ms,half
Maximum
Instantaneous
Forward Voltage
VF
.83 V
         
MCC
IFM =10A
TJ =25
°C
PIN 1
PIN 3
PIN 2
CASE
120Volts
Maximum Ratings
•
Operating J unction Temperature : 150
°C
•
Storage Temperature: - 50
°C to +150°C
•
Per d iode Thermal Resistance 2.2°C/W Junction to Case
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
Barrier Rectifier
Power Schottky
Revision:
7
200
8/01/01
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
G
R
B
Q
H
U
L
D
C
J
K
A
F
S
T
1
3
2
N
V
TO-220AB
MIN
MAX
NOTE
A
.560
.625
14.22
15.88
B
.380
.420
9.65
10.67
C
.140
.190
3.56
4.82
D
.020
.045
0.51
1.14
F
.139
.161
3.53
4.09
∅
G
.190
.110
2.29
2.79
H
---
.250
---
6.35
J
.012
.025
0.30
0.64
K
.500
.580
12.70
14.73
L
.045
.060
1.14
1.52
N
.190
.210
4.83
5.33
Q
.100
.135
2.54
3.43
R
.080
.115
2.04
2.92
S
.045
.055
1.14
1.39
T
.230
.270
5.84
6.86
U
-----
.050
-----
1.27
V
.045
-----
1.15
-----
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
•
High Junction Temperature Capability
•
Low Leakage Current
•
Marking: type number
• Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
and MSL Rating 1
• Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
Maximum
Reverse Current At
Rated DC Blocking
IR
500uA
TJ =25
°C
TJ =
125
°C
25mA
sine wave
Notes:1.High Temperature Solder Exemption Applied, see EU Directive Annex 7.


Similar Part No. - MBR20120CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR20120CT MCC-MBR20120CT Datasheet
678Kb / 2P
20 Amp High Voltage Power Schottky Barrier Rectifier 120Volts
logo
Sirectifier Global Corp...
MBR20120CT SIRECT-MBR20120CT Datasheet
180Kb / 2P
Power Schottky Rectifier - 20Amp 120Volt
logo
Kersemi Electronic Co.,...
MBR20120CT KERSEMI-MBR20120CT Datasheet
1Mb / 2P
20 Amp High Voltage Power Schottky Barrier Rectifier 120Volts
logo
New Jersey Semi-Conduct...
MBR20120CT NJSEMI-MBR20120CT Datasheet
68Kb / 2P
Schottky Barrier Rectifier
logo
Sangdest Microelectroni...
MBR20120CT SMC-MBR20120CT Datasheet
143Kb / 5P
SCHOTTKY RECTIFIER
More results

Similar Description - MBR20120CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR20200CT MCC-MBR20200CT Datasheet
393Kb / 2P
20 Amp High Voltage 200Volts Barrier Rectifier Power Schottky
MBRB20200CT MCC-MBRB20200CT Datasheet
387Kb / 2P
20 Amp High Voltage 200Volts Barrier Rectifier Power Schottky
MBR20120CT MCC-MBR20120CT Datasheet
678Kb / 2P
20 Amp High Voltage Power Schottky Barrier Rectifier 120Volts
MBR20150FCT MCC-MBR20150FCT Datasheet
142Kb / 4P
20 Amp High Voltage Power Schottky Barrier Rectifier 150Volts
MBR20200CT MCC-MBR20200CT_08 Datasheet
172Kb / 3P
20 Amp High Voltage Power Schottky Barrier Rectifier 200Volts
logo
Kersemi Electronic Co.,...
MBR20120CT KERSEMI-MBR20120CT Datasheet
1Mb / 2P
20 Amp High Voltage Power Schottky Barrier Rectifier 120Volts
MBR20200CT KERSEMI-MBR20200CT Datasheet
993Kb / 2P
20 Amp High Voltage Power Schottky Barrier Rectifier 200Volts
logo
Micro Commercial Compon...
MBR20200CT MCC-MBR20200CT_15 Datasheet
373Kb / 3P
20 Amp High Voltage 200Volts Barrier Rectifier Power Schottky
MBRB20200CT MCC-MBRB20200CT_17 Datasheet
249Kb / 3P
20 Amp High Voltage 200Volts Barrier Rectifier Power Schottky
ST30120FC MCC-ST30120FC Datasheet
456Kb / 2P
30 Amp Schottky Barrier Rectifier 120Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com