Electronic Components Datasheet Search
  English  ▼

X  

MBR20150CT Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MBR20150CT
Description  20 Amp High Voltage Power Schottky Barrier Rectifier 150Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBR20150CT Datasheet(HTML) 1 Page - Micro Commercial Components

  MBR20150CT Datasheet HTML 1Page - Micro Commercial Components MBR20150CT Datasheet HTML 2Page - Micro Commercial Components MBR20150CT Datasheet HTML 3Page - Micro Commercial Components MBR20150CT Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MBR20150CT
20 Amp High Voltage
Features
•
High Junction Temperature Capability
•
Low Leakage Current
MCC
Catalog
Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
MBR 20150 CT
150 V
105V
150 V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
20 A
TC =155
°C
Peak Forward Surge
Current
IFSM
180A
8.3ms,half
Maximum
Instantaneous
Forward Voltage
MBR20150CT
VF
.92V
* Pulse Test: Pulse Width380
µsec, Duty Cycle 2%
IFM =10A
TJ =25
°C
PIN 1
PIN 3
PIN 2
CASE
A
B
C
K
J
I
H
G
F
D
N
M
L
H
150Volts
TO-220AB
PIN
13
Maximum Ratings
•
Operating J unction Temperature : 150
°C
•
Storage Temperature: - 50
°C to +150°C
•
Per d iode Thermal Resistance 2.2°C/W Junction to Case
•
Total Thermal Resistance 1.3°C/W Junction to Case
Barrier Rectifier
Power Schottky
Maximum
Reverse Current At
Rated DC Blocking
Voltage
IR
25
µ A
TJ = 25
°C
5m A
TJ = 125
°C
VF
.75V
IFM = 10A
TJ = 125
°C
sine wave
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC

INCHES
MM






A
.560
.625
14.22
15.88
B
.380
.420
9.65
10.67
F
------
.250
------
6.35
G
.500
.580
12.70
14.73
H
.090
.110
2.29
2.79
I
.020
.045
0.51
1.14
J
.012
.025
0.30
0.64
K
.139
.161
3.53
4.09
L
.140
.190
3.56
4.83
M
.045
.055
1.14
1.40

TM
Micro Commercial Components
Case Material: Molded Plastic.
UL Flammability
Classification Rating 94V-0
Marking : type number
www.mccsemi.com
1 of 4
Revision: 4
2007/07/18
C
.100
.135
2.54
3.43
D
.230
.270
5.84
6.86
N
.080
.115
2.03
2.92


Similar Part No. - MBR20150CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR20150CT MCC-MBR20150CT Datasheet
382Kb / 3P
20 Amp High Voltage Power Schottky Barrier Rectifier 150Volts
logo
Taiwan Semiconductor Co...
MBR20150CT TSC-MBR20150CT Datasheet
102Kb / 2P
20.0 AMPS. Schottky Barrier Rectifiers
MBR20150CT TSC-MBR20150CT Datasheet
356Kb / 2P
20.0 AMPS. Schottky Barrier Rectifiers
logo
KEC(Korea Electronics)
MBR20150CT KEC-MBR20150CT Datasheet
35Kb / 2P
SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION.
logo
Sirectifier Semiconduct...
MBR20150CT SIRECTIFIER-MBR20150CT Datasheet
193Kb / 2P
Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
More results

Similar Description - MBR20150CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR10150CT MCC-MBR10150CT Datasheet
650Kb / 3P
10 Amp High Voltage 150Volts Barrier Rectifier Power Schottky
MBR20150CT MCC-MBR20150CT Datasheet
382Kb / 3P
20 Amp High Voltage Power Schottky Barrier Rectifier 150Volts
logo
Shanghai Lunsure Electr...
MBR10150CT CHENYI-MBR10150CT Datasheet
244Kb / 4P
10Amp high voltage power schottky barrier rectifier 150volts
logo
Micro Commercial Compon...
MBR10150 MCC-MBR10150 Datasheet
188Kb / 3P
10 Amp High Voltage Power Schottky Barrier Rectifier 150Volts
MBR10150CT MCC-MBR10150CT_08 Datasheet
236Kb / 4P
10 Amp High Voltage Power Schottky Barrier Rectifier 150Volts
MBR20150FCT MCC-MBR20150FCT Datasheet
142Kb / 4P
20 Amp High Voltage Power Schottky Barrier Rectifier 150Volts
logo
Kersemi Electronic Co.,...
MBR10150 KERSEMI-MBR10150 Datasheet
1Mb / 3P
10 Amp High Voltage Power Schottky Barrier Rectifier 150Volts
MBR20120CT KERSEMI-MBR20120CT Datasheet
1Mb / 2P
20 Amp High Voltage Power Schottky Barrier Rectifier 120Volts
MBR20150CT KERSEMI-MBR20150CT Datasheet
994Kb / 2P
20 Amp High Voltage Power Schottky Barrier Rectifier 150Volts
MBR20150FCT KERSEMI-MBR20150FCT Datasheet
1Mb / 3P
20 Amp High Voltage Power Schottky Barrier Rectifier 150Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com