Electronic Components Datasheet Search
  English  ▼

X  

SM12C Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SM12C
Description  12Volts ESD Protection Devices
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SM12C Datasheet(HTML) 1 Page - Micro Commercial Components

  SM12C Datasheet HTML 1Page - Micro Commercial Components SM12C Datasheet HTML 2Page - Micro Commercial Components SM12C Datasheet HTML 3Page - Micro Commercial Components SM12C Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Micro Commercial Components
20736 Marilla Street Chatsworth
Chatsworth, CA 91311
Phone: (818) 701-4933
Fax:
(818) 701-4939
SM12C
12Volts
ESD Protection
SOT-23
Features
•
For sensitive ESD protection
•
Stand-off Voltage:12V
•
Low leakage
•
ESD rating of class 3(>16KV)per Human Body Mode
•
Fast response ,response time less than 1ns.
•
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
Maximum Ratings
•
Operating Junction &StorageTemperature: -55
°C to +150°C
•
Maximum Thermal Resistance: 556
°C/W Junction To Ambient
Parameter
Symbol
Limits
unit
IEC61000-4-2(ESD)
Air
Contact
f15
f8
KV
ESD Voltage per human body mode
16
KV
Power Dissipation
Pd
225
mw
MCC
TM
Micro Commercial Components
Revision:
A
20
11/01/01
www.mccsemi.com
1 of 4
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
B
.083
.098
2.10
2.64
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
A
B
C
D
E
F
G
H
J
.079
2.000
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
K
Pin Configuration-Top View
Devices
Lead Solder Temperature-Maximum
TL
260
oC
(10 Second Duration)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1


Similar Part No. - SM12C

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SM12C LUGUANG-SM12C Datasheet
1Mb / 4P
Bidirecgtional TVS Didoe Array
logo
TECH PUBLIC Electronics...
SM12C TECHPUBLIC-SM12C Datasheet
2Mb / 4P
2-Line Bl-directional TVS Diode
More results

Similar Description - SM12C

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
ESD3V3D5 MCC-ESD3V3D5 Datasheet
206Kb / 3P
3.3V~12Volts ESD Protection Devices
ESD3V3D7 MCC-ESD3V3D7 Datasheet
390Kb / 4P
3.3V~12Volts ESD Protection Devices
ESD3V3D5 MCC-ESD3V3D5_11 Datasheet
284Kb / 3P
3.3V~12Volts ESD Protection Devices
ESD5V0D3 MCC-ESD5V0D3_11 Datasheet
209Kb / 4P
5V~12Volts ESD Protection Devices
SM05 MCC-SM05 Datasheet
269Kb / 4P
5V~12Volts ESD Protection Devices
SM22 MCC-SM22 Datasheet
322Kb / 4P
12Volts ESD Protection Devices
ESD5V0D5-TP MCC-ESD5V0D5-TP Datasheet
312Kb / 3P
3.3V~12Volts ESD Protection Devices
ESD3V3D5 MCC-ESD3V3D5_16 Datasheet
237Kb / 3P
3.3V~12Volts ESD Protection Devices
ESD5V0D3 MCC-ESD5V0D3_13 Datasheet
241Kb / 4P
5V~12Volts ESD Protection Devices
logo
SHIKUES Electronics
SM05 SKTECHNOLGY-SM05 Datasheet
520Kb / 3P
5V~12Volts ESD Protection Devices
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com