Electronic Components Datasheet Search
  English  ▼

X  

LM64183P Datasheet(PDF) 1 Page - Sharp Corporation

Part # LM64183P
Description  Large Size Graphic Type LCD Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LM64183P Datasheet(HTML) 1 Page - Sharp Corporation

  LM64183P Datasheet HTML 1Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mass-production
LM64183P
Large Size Graphic Type LCD Module
Features
n
24 cm [9.4"] VGA format
n
Thin (7.0 mm) & lightweight (340 g)
n
B/W display
n
Cost effective panel
Specifications
Parameter
Unit
Parameter
Unit
Display size
24 [9.4]
cm [ "]
Brightness
70
cd/m2
Dot format (H x V)
640 x 480
dot
Duty ratio
1/240
-
Dot pitch (H x V)
0.30 x 0.30
mm
Backlight type
1CCFT(E)
-
Active area (H x V)
192.0 x 144.0
mm
Power consumption panel
380
mW
Panel type
FSTN
-
Backlight
1 800
mW
Panel mode
Transmissive
-
Outline dimensions (W x H x D) 253.0(260.0) x 174.0 x 7.0
mm
Color
B/W
color
Weight
340
g
Contrast ratio
11 : 1
-
Operating temperature
0 to +45
∞C
Response time
550
ms
Storage temperature
-25 to +60
∞C
Outline Dimensions
unit : mm
201.4
238
260
128
253
191.97X143.97
(VIEWING AREA)
4
4
VIEWING AREA
EFFECTIVE
196X147.6
132
4
4
125
128
0.27
0.3
114.7
AA'
200
ACTIVE AREA
2.1
640X480 DOTS


Similar Part No. - LM64183P

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LM641 SEOUL-LM641 Datasheet
376Kb / 14P
INFRARED LAMP LED
LM641 SEOUL-LM641 Datasheet
360Kb / 13P
CYAN LAMP LED
LM641 SEOUL-LM641 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LM641 SEOUL-LM641 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LM641 SEOUL-LM641 Datasheet
378Kb / 14P
RED LAMP LED
More results

Similar Description - LM64183P

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LM24P20 SHARP-LM24P20 Datasheet
52Kb / 1P
Medium Size Graphic Type LCD Module
LM32019P SHARP-LM32019P Datasheet
63Kb / 1P
Medium Size Graphic Type LCD Module
LM32019T SHARP-LM32019T Datasheet
64Kb / 1P
Medium Size Graphic Type LCD Module
LM32P10 SHARP-LM32P10 Datasheet
81Kb / 1P
Medium Size Graphic Type LCD Module
LM64K104 SHARP-LM64K104 Datasheet
110Kb / 1P
Large Size Graphic Type LCD Module(FA/POS/Measuring instruments)
LM64K112 SHARP-LM64K112 Datasheet
117Kb / 1P
Large Size Graphic Type LCD Module(FA/POS/Measuring instruments)
LM64K837 SHARP-LM64K837 Datasheet
113Kb / 1P
Large Size Graphic Type LCD Module(FA/POS/Measuring instruments)
LM64P11 SHARP-LM64P11 Datasheet
34Kb / 1P
Large Size Graphic Type LCD Module
LM64P83L SHARP-LM64P83L Datasheet
113Kb / 1P
Large Size Graphic Type LCD Module(FA/POS/Measuring instruments)
LM64P89L SHARP-LM64P89L Datasheet
110Kb / 1P
Large Size Graphic Type LCD Module(FA/POS/Measuring instruments)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com