Electronic Components Datasheet Search
  English  ▼

X  

HERF1007G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # HERF1007G
Description  10.0AMPS. Isolated Glass Passivated High Efficient Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HERF1007G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  HERF1007G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HERF1007G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CREAT BY ART
UL Recognized File # E-326243
Glass passivated chip junction
High efficiency, Low VF
High current capability
High reliability
High surge current capability
HERF100XG
= Specific Device Code
G
= Green Compound
Y
= Year
WW
= Work Week
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
HERF
1001G
HERF
1002G
HERF
1003G
HERF
1004G
HERF
1005G
HERF
1006G
HERF
1007G
HERF
1008G
Unit
VRRM
50
100
200
300
400
600
800
1000
V
VRMS
35
70
140
210
280
420
560
700
V
VDC
50
100
200
300
400
600
800
1000
V
Trr
nS
Cj
pF
RθjC
OC/W
TJ
OC
TSTG
OC
Mounting torque: 5 in-lbs. max
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Repetitive Peak Reverse Voltage
Green compound with suffix "G" on packing
code & prefix "G" on datecode
High temperature soldering guaranteed: 260℃/10s
/0.25", (6.35mm) from case
Mechanical Data
Epoxy: UL 94V-0 rate flame retardant
Case: ITO-220AB Molded plastic
Type Number
Polarity: As marked
40
60
Note 1: Pulse Test with PW=300 usec, 1% Duty Cycle
Weight: 2.24 grams
50
uA
Typical Thermal Resistance
10
HERF1001G - HERF1008G
Marking Diagram
ITO-220AB
Dimensions in inches and (millimeters)
Features
80
For use in low voltage, high frequency inventor,
free wheeling, and polarity protection application
Version:E11
- 65 to + 150
Typical Junction Capacitance (Note 3)
Note 2: Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
3
Note 3: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
Operating Temperature Range
Storage Temperature Range
- 65 to + 150
400
Maximum Reverse Recovery Time (Note 2)
Maximum Reverse Current @ Rated VR TA=25 ℃
T A=125 ℃
IR
125
A
Maximum Average Forward Rectified Current
@ TC=100℃
IF(AV)
10.0
A
10.0AMPS. Isolated Glass Passivated High Efficient Rectifiers
Terminals: Pure tin plated, lead free, solderable per
MIL-STD-202, Method 208 guaranteed
1.7
V
Maximum Instantaneous Forward Voltage (Note 1)
@ 5.0A
VF
1.0
1.3
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method)
IFSM
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - HERF1007G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HERF1007G TSC-HERF1007G Datasheet
75Kb / 2P
Isolation 10.0 AMPS. Glass Passivated High Efficient Rectifiers
HERF1007G TSC-HERF1007G Datasheet
344Kb / 2P
Isolated 10.0 AMPS. Glass Passivated High Efficient Rectifiers
logo
Thinki Semiconductor Co...
HERF1007G THINKISEMI-HERF1007G Datasheet
668Kb / 2P
10.0 Ampere Insulated Dual Common Cathode High Efficiency Rectifiers
HERF1007G THINKISEMI-HERF1007G Datasheet
645Kb / 2P
10Ampere Insulated Dual Common Cathode High Efficiency Rectifiers
HERF1007GA THINKISEMI-HERF1007GA Datasheet
648Kb / 2P
10.0 Ampere Insulated Dual Common Anode High Efficiency Rectifiers
More results

Similar Description - HERF1007G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HERF1601G TSC-HERF1601G_11 Datasheet
188Kb / 2P
16.0AMPS. Isolated Glass Passivated High Efficient Rectifiers
HER1001G TSC-HER1001G_11 Datasheet
200Kb / 2P
10.0AMPS. Glass Passivated High Efficient Rectifiers
HERAF801G TSC-HERAF801G_12 Datasheet
205Kb / 2P
8.0AMPS. Isolated Glass Passivated High Efficient Rectifiers
HERAF1001G TSC-HERAF1001G_12 Datasheet
205Kb / 2P
10.0AMPS. Isolated Glass Passivated High Efficient Rectifiers
HERAF1601G TSC-HERAF1601G_12 Datasheet
206Kb / 2P
16.0AMPS. Isolated Glass Passivated High Efficient Rectifiers
logo
Shenzhen Luguang Electr...
HERAF1601G LUGUANG-HERAF1601G Datasheet
229Kb / 2P
Isolated 16.0AMP. Glass Passivated High Efficient Rectifiers
logo
Taiwan Semiconductor Co...
HER1001G TSC-HER1001G_13 Datasheet
399Kb / 3P
10.0AMPS. Glass Passivated High Efficient Rectifiers
SFAF1001G TSC-SFAF1001G_13 Datasheet
419Kb / 3P
10.0AMPS. Isolated Glass Passivated Super Fast Rectifiers
UGF1004G TSC-UGF1004G Datasheet
238Kb / 3P
10.0AMPS. Isolated Glass Passivated Ultra Fast Rectifiers
SFAF1001G TSC-SFAF1001G_14 Datasheet
423Kb / 3P
10.0AMPS. Isolated Glass Passivated Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com