Electronic Components Datasheet Search
  English  ▼

X  

LM64P11 Datasheet(PDF) 1 Page - Sharp Corporation

Part # LM64P11
Description  Large Size Graphic Type LCD Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LM64P11 Datasheet(HTML) 1 Page - Sharp Corporation

  LM64P11 Datasheet HTML 1Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mass-production
LM64P11
Large Size Graphic Type LCD Module
Features
n
15 cm [6"] VGA format
n
Thin (5.8 mm) & lightweight (145 g)
n
Black & white display
n
High contrast (18 : 1)
n
Mechanically compatible with LM64K111
Specifications
Parameter
Unit
Parameter
Unit
Display size
15 [6.0]
cm [ "]
Brightness
80
cd/m2
Dot format (H x V)
640 x 480
dot
Duty ratio
1/240
-
Dot pitch (H x V)
0.19 x 0.19
mm
Backlight type
1CCFT(E)
-
Active area (H x V)
121.6 x 91.2
mm
Power consumption panel
300
mW
Panel type
*1
-
Backlight
1 100
mW
Panel mode
Transmissive
-
Outline dimensions (W x H x D) 167.7 x 122.8 x 5.8
mm
Color
B/W
color
Weight
145
g
Contrast ratio
18 : 1
-
Operating temperature
0 to +45
∞C
Response time
150[350]
ms
Storage temperature
-25 to +60
∞C
*1...Triple Super Twisted Nematic
Outline Dimensions
unit : mm
11.9
(86.6)
21.3
0.17
P0.19
2
152.1
(84.6)
2.5
167.7
ACTIVE AREA
121.58X91.18
(35)
P0.19
640x480Dots
A
2.5
A'
2.5
NOTCH AREA
2- 2.4
125.6X95.2
VIEWING AREA
FF6-16A-R15(DDK)
INTERFACE CONNECTOR
1.8
130.6 (BEZEL OPENNING AREA)


Similar Part No. - LM64P11

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LM64P12 SHARP-LM64P12 Datasheet
726Kb / 24P
LIQUID CRYSTAL DISPLAY GROUP SHARP CORPOATION
More results

Similar Description - LM64P11

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LM24P20 SHARP-LM24P20 Datasheet
52Kb / 1P
Medium Size Graphic Type LCD Module
LM32019P SHARP-LM32019P Datasheet
63Kb / 1P
Medium Size Graphic Type LCD Module
LM32019T SHARP-LM32019T Datasheet
64Kb / 1P
Medium Size Graphic Type LCD Module
LM32P10 SHARP-LM32P10 Datasheet
81Kb / 1P
Medium Size Graphic Type LCD Module
LM64183P SHARP-LM64183P Datasheet
59Kb / 1P
Large Size Graphic Type LCD Module
LM64K104 SHARP-LM64K104 Datasheet
110Kb / 1P
Large Size Graphic Type LCD Module(FA/POS/Measuring instruments)
LM64K112 SHARP-LM64K112 Datasheet
117Kb / 1P
Large Size Graphic Type LCD Module(FA/POS/Measuring instruments)
LM64K837 SHARP-LM64K837 Datasheet
113Kb / 1P
Large Size Graphic Type LCD Module(FA/POS/Measuring instruments)
LM64P83L SHARP-LM64P83L Datasheet
113Kb / 1P
Large Size Graphic Type LCD Module(FA/POS/Measuring instruments)
LM64P89L SHARP-LM64P89L Datasheet
110Kb / 1P
Large Size Graphic Type LCD Module(FA/POS/Measuring instruments)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com