Electronic Components Datasheet Search
  English  ▼

X  

ISL9440C Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL9440C
Description  Triple PWM Step-Down Synchronous Buck Controller and One LDO
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9440C Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL9440C Datasheet HTML 3Page - Intersil Corporation ISL9440C Datasheet HTML 4Page - Intersil Corporation ISL9440C Datasheet HTML 5Page - Intersil Corporation ISL9440C Datasheet HTML 6Page - Intersil Corporation ISL9440C Datasheet HTML 7Page - Intersil Corporation ISL9440C Datasheet HTML 8Page - Intersil Corporation ISL9440C Datasheet HTML 9Page - Intersil Corporation ISL9440C Datasheet HTML 10Page - Intersil Corporation ISL9440C Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the
reader is cautioned to verify that the Application Note or Technical Brief is current before proceeding.
For information regarding Intersil Corporation and its products, see www.intersil.com
AN1551.0
March 5, 2010
36
1
R11
34kΩ
RESISTOR, SMD, 0603, 1%
Generic
37
1
U1
QUAD OUTPUT CONTROLLER
ISL9440AIRZ
Intersil
OPTIONAL COMPONENTS OR RESISTOR JUMPERS
ITEM QTY
REFERENCE
VALUE
DESCRIPTION
PART #
MANUFACTURER
38
10
R7, R12, R13, R14, R15,
R16, R17, R18, R19,
R20, R21
0
RESISTOR Jumpers, SMD, 0603, 10%
Generic
39
3
CO12, CO22, CO32
DNP
40
2
CO23, CO34
DNP
41
2
Cp2, Cp3
DNP
42
1
M5
DNP
P MOSFET TO-252
43
3
M6, M7, M8
DNP
N MOSFET
44
4
R4, R22, R25, R27
DNP
RESISTOR, SMD, 0603
45
3
R23, R24, R26
DNP
RESISTOR, SMD, 1206
EVALUATION BOARD HARDWARE
ITEM QTY
REFERENCE
VALUE
DESCRIPTION
PART #
MANUFACTURER
46
3
J3, J4, J5
3 Head Jumper
68000-236HLF Generic
47
11
TP1, TP2, TP3, TP4, TP6,
TP17, TP11, TP12, TP13,
TP14, TP7
TEST POINT
5007
Keystone
48
9
TP8, TP10, TP16, TP19,
TP21, TP9, TP5, TP15,
TP20
GND
TURRET
1514-2
Keystone
TABLE 2. BILL OF MATERIALS (Continued)
ESSENTIAL COMPONENTS
ITEM QTY
PART REFERENCE
VALUE
DESCRIPTION
PART #
MANUFACTURER
Application Note 1551



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com