Electronic Components Datasheet Search
  English  ▼

X  

LM64P83 Datasheet(PDF) 1 Page - Sharp Corporation

Part # LM64P83
Description  Large Size Graphic Type LCD Module(FA/POS/Measuring instruments)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LM64P83 Datasheet(HTML) 1 Page - Sharp Corporation

  LM64P83 Datasheet HTML 1Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
In the absence of confirmation by device specification sheets, SHARP takes no responsibility
for any defects that may occur in using any SHARP devices shown in catalogs, data books, etc.
Contact SHARP in order to obtain the latest device specification sheets before using any
SHARP device. Specifications are subject to change without notice for improvement.
Outline Dimensions
unit : mm
Large Size Graphic Type LCD Module
LM64P83L
(FA/POS/Measuring instruments)
Features
s 24 cm [9.4"] VGA format
s High contrast (18 : 1)
s Built-in long life CCFT backlight
s Thin structure (7.0 mm) & lightweight (340 g)
s Transmissive B/W display
s Mechanically compatible with LM64183P
Specifications
Parameter
Unit
Parameter
Unit
Display size
24 [9.4]
cm [ "]
Brightness
65
cd/m2
Dot format (H x V)
640 x 480
dot
Duty ratio
1/240
-
Dot pitch (H x V)
0.30 x 0.30
mm
Backlight type
1CCFT(E)
-
Active area (H x V)
192.0 x 144.0
mm
Power consumption
2 380
mW
Panel type
*1
-
Outline dimensions (W x H x D) 253.0(260.0)*2 x 174.0 x 7.0
mm
Panel mode
Transmissive
-
Weight
340
g
Color
B/W
-
Operating temperature
0 to +45
°C
Contrast ratio
18 : 1
-
Storage temperature
-25 to +60
°C
Response time
350
ms
*1...Triple Super Twisted Nematic
*2...(
) value ... Including mounting tabs.
201.4
238
260
128
253
191.97 x 143.97
(Viewing Area)
4
4
Viewing Area
Effective
196 x 147.6
132
4
4
125
128
0.27
0.3
114.7
AA'
200
Active Area
2.1
640 x 480 DOTS


Similar Part No. - LM64P83

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
LM64P832 HITACHI-LM64P832 Datasheet
21Kb / 1P
INTERFACE SPECIFICATION
LM64P839 HITACHI-LM64P839 Datasheet
21Kb / 1P
INTERFACE SPECIFICATION
More results

Similar Description - LM64P83

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LM16155 SHARP-LM16155 Datasheet
18Kb / 1P
Character Type LCD Module(FA/POS/Measuring instruments)
LM16A21 SHARP-LM16A21 Datasheet
19Kb / 1P
Character Type LCD Module(FA/POS/Measuring instruments)
LM202KS1 SHARP-LM202KS1 Datasheet
19Kb / 1P
Character Type LCD Module(FA/POS/Measuring instruments)
LM20A21 SHARP-LM20A21 Datasheet
18Kb / 1P
Character Type LCD Module(FA/POS/Measuring instruments)
LM24022 SHARP-LM24022 Datasheet
18Kb / 1P
Medium Size Graphic Type LCD Module(FA/POS/Measuring instruments)
LM40X21B SHARP-LM40X21B Datasheet
19Kb / 1P
Character Type LCD Module(FA/POS/Measuring instruments)
LM64K104 SHARP-LM64K104 Datasheet
110Kb / 1P
Large Size Graphic Type LCD Module(FA/POS/Measuring instruments)
LM64K112 SHARP-LM64K112 Datasheet
117Kb / 1P
Large Size Graphic Type LCD Module(FA/POS/Measuring instruments)
LM64K837 SHARP-LM64K837 Datasheet
113Kb / 1P
Large Size Graphic Type LCD Module(FA/POS/Measuring instruments)
LM64P89L SHARP-LM64P89L Datasheet
110Kb / 1P
Large Size Graphic Type LCD Module(FA/POS/Measuring instruments)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com