Electronic Components Datasheet Search
  English  ▼

X  

LM64P89 Datasheet(PDF) 1 Page - Sharp Corporation

Part # LM64P89
Description  Large Size Graphic Type LCD Module(FA/POS/Measuring instruments)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LM64P89 Datasheet(HTML) 1 Page - Sharp Corporation

  LM64P89 Datasheet HTML 1Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
In the absence of confirmation by device specification sheets, SHARP takes no responsibility
for any defects that may occur in using any SHARP devices shown in catalogs, data books, etc.
Contact SHARP in order to obtain the latest device specification sheets before using any
SHARP device. Specifications are subject to change without notice for improvement.
Outline Dimensions
unit : mm
268
118
133
211.17 x 158.37
215.2 x 162.4
223 (Bezel Opening Area)
Effective Viewing Area
Active Area
7
60
122.9
A'
A
0.3
P0.33
(135)
(132)
B'
B
250
Large Size Graphic Type LCD Module
LM64P89L
(FA/POS/Measuring instruments)
Features
s 26 cm [10.4"] VGA format
s Built-in long life CCFT B/L
s Transmissive B/W display
s High contrast (18 : 1)
Specifications
Parameter
Unit
Parameter
Unit
Display size
26 [10.4]
cm [ "]
Brightness
75
cd/m2
Dot format (H x V)
640 x 480
dot
Duty ratio
1/240
-
Dot pitch (H x V)
0.33 x 0.33
mm
Backlight type
1CCFT(E)
-
Active area (H x V)
211.2 x 158.4
mm
Power consumption
2 550
mW
Panel type
*1
-
Outline dimensions (W x H x D) 250.0(268.0)*2 x 190.0 x 7.0
mm
Panel mode
Transmissive
-
Weight
340
g
Color
B/W
-
Operating temperature
0 to +45
°C
Contrast ratio
18 : 1
-
Storage temperature
-25 to +60
°C
Response time
- [350]
ms
*1...Triple Super Twisted Nematic
*2...(
) value ... Including mounting tabs.


Similar Part No. - LM64P89

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LM64P83 SHARP-LM64P83 Datasheet
113Kb / 1P
Large Size Graphic Type LCD Module(FA/POS/Measuring instruments)
logo
Hitachi Semiconductor
LM64P832 HITACHI-LM64P832 Datasheet
21Kb / 1P
INTERFACE SPECIFICATION
LM64P839 HITACHI-LM64P839 Datasheet
21Kb / 1P
INTERFACE SPECIFICATION
logo
Sharp Corporation
LM64P83L SHARP-LM64P83L Datasheet
113Kb / 1P
Large Size Graphic Type LCD Module(FA/POS/Measuring instruments)
More results

Similar Description - LM64P89

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LM16155 SHARP-LM16155 Datasheet
18Kb / 1P
Character Type LCD Module(FA/POS/Measuring instruments)
LM16A21 SHARP-LM16A21 Datasheet
19Kb / 1P
Character Type LCD Module(FA/POS/Measuring instruments)
LM202KS1 SHARP-LM202KS1 Datasheet
19Kb / 1P
Character Type LCD Module(FA/POS/Measuring instruments)
LM20A21 SHARP-LM20A21 Datasheet
18Kb / 1P
Character Type LCD Module(FA/POS/Measuring instruments)
LM24022 SHARP-LM24022 Datasheet
18Kb / 1P
Medium Size Graphic Type LCD Module(FA/POS/Measuring instruments)
LM40X21B SHARP-LM40X21B Datasheet
19Kb / 1P
Character Type LCD Module(FA/POS/Measuring instruments)
LM64K104 SHARP-LM64K104 Datasheet
110Kb / 1P
Large Size Graphic Type LCD Module(FA/POS/Measuring instruments)
LM64K112 SHARP-LM64K112 Datasheet
117Kb / 1P
Large Size Graphic Type LCD Module(FA/POS/Measuring instruments)
LM64K837 SHARP-LM64K837 Datasheet
113Kb / 1P
Large Size Graphic Type LCD Module(FA/POS/Measuring instruments)
LM64P83L SHARP-LM64P83L Datasheet
113Kb / 1P
Large Size Graphic Type LCD Module(FA/POS/Measuring instruments)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com