Electronic Components Datasheet Search
  English  ▼

X  

MBR10200 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MBR10200
Description  10.0 AMPS. Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBR10200 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MBR10200 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBR10200 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CREAT BY ART
UL Recognized File # E-326243
Low power loss, high efficiency
High current capability, low forward voltage drop
Guard-ring for overvoltage protection
Mechanical Data
MBR10XX
= Specific Device Code
G
= Green Compound
Y
= Year
WW
= Work Week
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
MBR
1035
MBR
1045
MBR
1050
MBR
1060
MBR
1090
MBR
10100
MBR
10150
MBR
10200
Units
VRRM
35
45
50
60
90
100
150
200
V
VRMS
24
31
35
42
63
70
105
140
V
VDC
35
45
50
60
90
100
150
200
V
IRRM
A
dV/dt
V/us
Cj
pF
RθJC
OC/W
TJ
OC
TSTG
OC
3
TO-220AC
A
V
0.85
0.71
0.57
mA
mA
Maximum Instantaneous Reverse Current
at Rated DC Blocking Voltage
@ T A=25 ℃
@ T A=125 ℃
IR
150
0.70
A
0.5
1.05
-
500
Peak Repetitive Forward Current (Rated VR,
Square Wave, 20KHz) at Tc=125 ℃
IFRM
20
0.80
0.70
Typical Junction Capacitance
IFSM
Polarity: As marked
Mounting torque: 5 in. - lbs, max
Mounting position:Any
A
IF(AV)
10
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum Average Forward Rectified Current
at TC=125℃
Maximum DC Blocking Voltage
Weight: 1.88 grams
Maximum Typical Thermal Resistance
Type Number
1.0
Voltage Rate of Change (Rated V R)
10,000
MBR1035 - MBR10200
Marking Diagram
10.0 AMPS. Schottky Barrier Rectifiers
Dimensions in inches and (millimeters)
For use in low voltage, high frequency inverters,
free wheeling, and polarity protection applications
Plastic material used carriers Underwriters
Laboratory Classification 94V-0
Terminals: Pure tin plated, lead free, solderable
per MIL-STD-750, Method 2026
Cases: JEDEC TO-220AC molded plastic body
Features
High surge capability
Metal silicon junction, majority carrier conduction
High temperature soldering guaranteed:
260℃/10 seconds, 0.25"(6.35mm) from case
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Version:H11
Note 2: Pulse Test : 300uS Pulse Width, 1% Duty Cycle
Note 1: 2.0uS Pulse Width, f=1.0KHz
Operating Junction Temperature Range
Storage Temperature Range
- 65 to + 175
- 65 to + 150
Maximum Instantaneous Forward Voltage at: (Note 2)
IF=10A, TA=25℃
IF=10A, TA=125℃
VF
Peak Repetitive Reverse Surge Current (Note 1)
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method)
15
10
0.1
6
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - MBR10200

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBR10200 TSC-MBR10200 Datasheet
56Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
logo
Sirectifier Semiconduct...
MBR10200 SIRECTIFIER-MBR10200 Datasheet
166Kb / 2P
Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
logo
Pan Jit International I...
MBR10200 PANJIT-MBR10200 Datasheet
85Kb / 2P
10 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
MBR10200 TSC-MBR10200 Datasheet
613Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
logo
Rugao Dachang Electroni...
MBR10200 DACHANG-MBR10200 Datasheet
151Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 10 A
More results

Similar Description - MBR10200

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRS1090 TSC-MBRS1090 Datasheet
77Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
SRS1020 TSC-SRS1020 Datasheet
77Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
MBR10H100CT TSC-MBR10H100CT Datasheet
1Mb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
MBR1035 TSC-MBR1035_1 Datasheet
264Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
MBR10100CT TSC-MBR10100CT Datasheet
96Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
SR1020 TSC-SR1020 Datasheet
93Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
SR1020 TSC-SR1020_1 Datasheet
218Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
SRA1020 TSC-SRA1020 Datasheet
55Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
SRA1020 TSC-SRA1020_1 Datasheet
180Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
MBR10H100CT TSC-MBR10H100CT_10 Datasheet
595Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com