Electronic Components Datasheet Search
  English  ▼

X  

MBRF10H150CT Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MBRF10H150CT
Description  10.0AMPS Isolated Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBRF10H150CT Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MBRF10H150CT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBRF10H150CT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CREAT BY ART
Low power loss, high efficiency
High current capability, low forward voltage drop
Guard-ring for overvoltage protection
Mechanical Data
MBRF10HXXCT
= Specific Device Code
G
= Green Compound
Y
= Year
WW
= Work Week
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
Unit
VRRM
V
VRMS
V
VDC
V
IRRM
A
uA
mA
dV/dt
V/us
RθjC
OC/W
TJ
OC
TSTG
OC
Voltage Rate of Change,(Rated VR)
10000
Note 2: Pulse Test : 300uS Pulse Width, 1% Duty Cycle
- 65 to + 175
Note 1: 2.0uS Pulse Width, f=1.0KHz
Operating Temperature Range
Storage Temperature Range
- 65 to + 175
150
105
150
140
200
1
MBRF10H100CT - MBRF10H200CT
10.0AMPS Isolated Schottky Barrier Rectifiers
MBRF
10H100CT
MBRF
10H150CT
MBRF
10H200CT
Marking Diagram
Dimensions in inches and (millimeters)
High temperature soldering guaranteed:
260℃/10 seconds/.25", (6.35mm) from case
70
5
0.97
0.85
0.88
0.75
Maximum Reverse Current @ Rated VR TA=25 ℃
TA=125 ℃
IR
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Instantaneous Forward Voltage (Note 2)
IF=5A, TA=25℃
IF=5A, TA=125℃
IF=10A, TA=25℃
IF=10A, TA=125℃
VF
Peak Repetitive Reverse Surge Current (Note 1)
V
For use in low voltage, high frequency inverters,
free wheeling, and polarity protection applications
ITO-220AB
3.5
0.85
0.75
0.95
0.85
1
Features
High surge capability
Metal silicon junction, majority carrier conduction
UL Recognized File # E-326243
Plastic material used carriers Underwriters
Laboratory Classification 94V-0
Weight: 1.73 grams
Typical Thermal Resistance
Type Number
100
200
0.5
Version:E11
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Maximum Average Forward Rectified Current
at TC=125℃
IF(AV)
10
Polarity: As marked
Mounting torque: 5 in. - lbs, max
Mounting position:Any
Terminals: Pure tin plated, lead free, solderable
per MIL-STD-750, Method 2026
Case: ITO-220AB molded plastic body
100
A
Peak Repetitive Surge Current (Rated VR, Square
Wave, 20KHz) at Tc=133℃
IFRM
10
A
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC Method)
IFSM
120
A
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - MBRF10H150CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBRF10H150CT VISHAY-MBRF10H150CT Datasheet
47Kb / 3P
Dual High-Voltage Schottky Rectifiers
18-Jul-03
logo
Taiwan Semiconductor Co...
MBRF10H150CT TSC-MBRF10H150CT Datasheet
624Kb / 2P
Isolated 10.0 AMPS. Schottky Barrier Rectifiers
logo
Vishay Siliconix
MBRF10H150CT VISHAY-MBRF10H150CT Datasheet
126Kb / 5P
Dual Common-Cathode High-Voltage Schottky Rectifier
27-Jul-07
MBRF10H150CT VISHAY-MBRF10H150CT Datasheet
129Kb / 5P
Dual Common-Cathode High-Voltage Schottky Rectifier
18-Apr-08
logo
Shenzhen Luguang Electr...
MBRF10H150CT LUGUANG-MBRF10H150CT Datasheet
150Kb / 2P
Isolated 10.0AMP.Schottky Barrier Rectifiers
More results

Similar Description - MBRF10H150CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRF20H100CT TSC-MBRF20H100CT_11 Datasheet
185Kb / 2P
10.0AMPS Isolated Schottky Barrier Rectifiers
MBRF10100D TSC-MBRF10100D Datasheet
166Kb / 2P
10.0AMPS Isolated Schottky Barrier Rectifier
SRF1020 TSC-SRF1020_11 Datasheet
193Kb / 2P
10.0AMPS. Isolated Schottky Barrier Rectifiers
MBR10H100CT TSC-MBR10H100CT_11 Datasheet
195Kb / 2P
10.0AMPS. Schottky Barrier Rectifiers
SRA1020 TSC-SRA1020_11 Datasheet
275Kb / 2P
10.0AMPS. Schottky Barrier Rectifiers
MBRF10H100CT TSC-MBRF10H100CT_13 Datasheet
247Kb / 3P
10.0AMPS Isolated Schottky Barrier Rectifiers
SRAF1020 TSC-SRAF1020_13 Datasheet
245Kb / 3P
10.0AMPS. Isolated Schottky Barrier Rectifiers High reliability
SRF1020 TSC-SRF1020_13 Datasheet
252Kb / 3P
10.0AMPS. Isolated Schottky Barrier Rectifiers High reliability
logo
Gaomi Xinghe Electronic...
MBR1035CT GXELECTRONICS-MBR1035CT Datasheet
805Kb / 2P
10.0AMPS. Schottky Barrier Rectifiers
logo
Chongqing Pingwei Enter...
PS1045L CHONGQING-PS1045L Datasheet
197Kb / 1P
10.0AMPS. SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com