Electronic Components Datasheet Search
  English  ▼

X  

MBRF30L45CT Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MBRF30L45CT
Description  30.0AMPS Isolated Low VF Schottky Barrier Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBRF30L45CT Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MBRF30L45CT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBRF30L45CT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CREAT BY ART
Low power loss, high efficiency
High current capability, low forward voltage drop
High Surge current capability
Metal silicon junction, majority condution
MBRF30LXXCT = Specific Device Code
G
= Green compound
Y
= Year
WW
= Work Week
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
Unit
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
IRRM
A
dV/dt
V/uS
Cj
pF
RθJC
OC/W
TJ
OC
TSTG
OC
Note3: Measure at 1MHz and Applied Reverse Voltage of 4.0V D.C.
Typical Junction Capacitance (Note 3)
700
45
31
1
220
Maximum Average Forward Rectified Current
Guard-ring for transient protection
30
MBRF30L45CT
Note2: Pulse Test : 300us Pulse Width, 1% Duty cycle
-65 to + 150
10,000
-65 to + 150
Features
Maximum Thermal Resistance Per Leg
Voltage rate of change (Rated VR)
Type Number
Case: JEDEC ITO-220AB Modled plastic
Maximum Ratings and Electrical Characteristics
Terminals: Pure tin plated, lead free, solderable
per MIL-STD-202, Method 208 guaranteed
IFSM
Maximum Reverse Current at Rated DC Blocking Voltage
TA=25 ℃
TA=125 ℃
IR
MBRF30L45CT
ITO-220AB
Version:I11
45
30.0AMPS Isolated Low VF Schottky Barrier Rectifier
Operating Temperature Range
Storage Temperature Range
1
Peak Repetitive Reverse Surge Current (Note 1)
Note1: 2.0uS Pulse Width, F=1.0KHz, Continues 10 Cycles
Marking Diagram
Dimensions in inches and (millimeters)
Maximum DC blocking voltage
Peak Forward Surge Current, 8.3 ms Single Half Sine-wave
Superimposed on Rated Load (JEDEC method)
Maximum RMS Voltage
Maximum Repetitive Peak Reverse Voltage
Weight: 1.72 grams
Plastic material used carries Underwriters Laboratory
Classifications 94V-0
For use in low voltage, high frequency inverters,
free wheeling, and polarity protection applications
High temperature soldering guaranteed: 260℃/
10 seconds, 0.375"(9.5mm) lead lengths 5 lbs tension
Polarity: As marked
Mounting torque: 5 in-lbs. Max.
Mechanical Data
Mounting position: Any
Green compound with suffix "G" on packing
code & prefix "G" on datecode
mA
A
Maximum Instantaneous Forward Voltage at (Note 2)
IF = 15A, TA=25℃
IF = 15A, TA=125℃
IF = 30A, TA=25℃
IF = 30A, TA=125℃
VF
V
0.55
0.50
0.74
0.67
0.4
200
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - MBRF30L45CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRF30L45CT TSC-MBRF30L45CT Datasheet
212Kb / 2P
30.0 AMP. Schottky Barrier Rectifiers
logo
Kersemi Electronic Co.,...
MBRF30L45CT KERSEMI-MBRF30L45CT Datasheet
973Kb / 2P
30.0 AMP. Schottky Barrier Rectifiers
logo
EM Microelectronic - MA...
MBRF30L45CT EMMICRO-MBRF30L45CT Datasheet
973Kb / 2P
30.0 AMP. Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
MBRF30L45CT TSC-MBRF30L45CT Datasheet
220Kb / 4P
Dual Common Cathode Schottky Rectifier
logo
SUNMATE electronic Co.,...
MBRF30L45CT SUNMATE-MBRF30L45CT Datasheet
2Mb / 2P
LOW VF SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - MBRF30L45CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRF3080CT TSC-MBRF3080CT Datasheet
253Kb / 2P
Isolated 30.0AMPS Schottky Barrier Rectifier
MBR30L45CT TSC-MBR30L45CT Datasheet
129Kb / 2P
30.0AMPS Low VF Schottky Barrier Rectifiers
MBR30L120CT TSC-MBR30L120CT Datasheet
126Kb / 2P
30.0AMPS. Low VF Schottky Barrier Rectifiers
MBR3035PT TSC-MBR3035PT_11 Datasheet
133Kb / 2P
30.0AMPS. Schottky Barrier Rectifiers
MBRF10L100CT TSC-MBRF10L100CT Datasheet
185Kb / 2P
10.0AMPS Isolated Low VF Schottky Barrier Rectifier
MBRF20L100CT TSC-MBRF20L100CT Datasheet
186Kb / 2P
20.0AMPS Isolated Low VF Schottky Barrier Rectifier
MBRI30100CT TSC-MBRI30100CT_11 Datasheet
142Kb / 2P
30.0AMPS Schottky Barrier Rectifier
MBRS3045CT TSC-MBRS3045CT_11 Datasheet
128Kb / 2P
30.0AMPS Surface Mount Schottky Barrier Rectifier
MBR30L45CT TSC-MBR30L45CT_12 Datasheet
190Kb / 2P
30.0AMPS Low VF Schottky Barrier Rectifiers
logo
Kersemi Electronic Co.,...
MBR30L45CT KERSEMI-MBR30L45CT Datasheet
893Kb / 2P
30.0AMPS Low VF Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com