Electronic Components Datasheet Search
  English  ▼

X  

LM80C36 Datasheet(PDF) 1 Page - Sharp Corporation

Part # LM80C36
Description  Color STN LCD Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LM80C36 Datasheet(HTML) 1 Page - Sharp Corporation

  LM80C36 Datasheet HTML 1Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
74
New Product
LM80C36
Color STN LCD Module
Features
s 31 cm [12.1"] SVGA format
s Thin(8.5 mm) & lightweight(530 g)
s Less shadowing utilizing SA* technology
s Low power consumption (3.8 W)
*Sharp Addressing
s Mechanically compatible with other CTFT LCD
[Model : LQ12S56]
Specifications
Parameter
Unit
Parameter
Unit
Display size
31 [12.1]
cm [ "]
Backlight type
1CCFT(E)
-
Dot format (H x V)
800 x RGB x 600
dot
Duty ratio
1/300
-
Dot pitch (H x V)
0.1025 x 0.305
mm
Logic voltage
3.3 Vcon
V
Active area (H x V)
246.0 x 183.0
mm
Power consumption Panel
890
mW
Panel type
*1
-
Backlight
2 880
mW
Panel mode
Transmissive
-
Outline dimensions (W x H x D) 275.0 x 199.0 x 8.5
mm
Contrast ratio
25 : 1
-
Weight
530
g
Response time
300
ms
Operating temperature
0 to +40
°C
Brightness
70
cd/m2
Storage temperature
-25 to +60
°C
*1...Triple super twisted nematic
Outline Dimensions
unit : mm
1
2
3
45
8.0
2.5
5.0
128.3
B
RR
G
B
0.1025PITCH
G
B
0.0775
0.025
134.2
ACTIVE AREA 245.975X182.975
140.2
275
BEZEL OPENING AREA 250.0X187
BEZEL OPENING AREA CENTER
A
138.2
270
6.5


Similar Part No. - LM80C36

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LM80C312 SHARP-LM80C312 Datasheet
93Kb / 1P
Color STN LCD Module
More results

Similar Description - LM80C36

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LM10V33 SHARP-LM10V33 Datasheet
46Kb / 1P
Color STN LCD Module
LM10V332 SHARP-LM10V332 Datasheet
109Kb / 1P
Color STN-LCD Module
LM12S402 SHARP-LM12S402 Datasheet
72Kb / 1P
Color STN-LCD Module
LM12S47 SHARP-LM12S47 Datasheet
72Kb / 1P
Color STN-LCD Module
LM12S48 SHARP-LM12S48 Datasheet
72Kb / 1P
Color STN-LCD Module
LM15X11 SHARP-LM15X11 Datasheet
75Kb / 1P
Color STN-LCD Module
LM64C350 SHARP-LM64C350 Datasheet
65Kb / 1P
Color STN LCD Module
LM9V381 SHARP-LM9V381 Datasheet
50Kb / 1P
Color STN-LCD Module
LM130SS1T611 SHARP-LM130SS1T611 Datasheet
106Kb / 1P
Color STN-LCD Module
LM8M64 SHARP-LM8M64_07 Datasheet
783Kb / 30P
Color STN LCD Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com