Electronic Components Datasheet Search
  English  ▼

X  

MBRS3045CT Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MBRS3045CT
Description  30.0AMPS Surface Mount Schottky Barrier Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBRS3045CT Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MBRS3045CT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBRS3045CT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CREAT BY ART
Metal silicon junction, majority carrier conduction
Low power loss, high efficiency
High current capability, low forward voltage drop
Qualified as per AEC-Q101
High Surge capability
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
Unit
VRRM
V
VRMS
V
VDC
V
dV/dt
V/uS
TJ
OC
TSTG
OC
Note2: Thermal Resistance from Junction to Case Per Leg
V
Maximum DC Reverse Current at Rated DC Blocking Voltage
TA=25 ℃
TA=125 ℃
IR
0.2
15
mA
mA
VF
0.70
0.60
0.90
A
Peak Forward Surge Current, 8.3 ms Single Half Sine-wave
Superimposed on Rated Load (JEDEC method)
IFSM
220
A
Plastic material used carries Underwriters Laboratory
Classifications 94V-0
For use in low voltage, high frequency inverters,
, free wheeling, and polarity protection applications
High temperature soldering guaranteed: 260℃/
10 seconds at terminals
Maximum Average Forward Rectified Current
@Tc = 130℃(Total Device)
Mechanical Data
Guarding for over voltage protection
Features
MBRS3045CT
= Specific Device Code
G
= Green Compound
Maximum Thermal Resistance Per Leg (Note 2)
RθJC
RθJA
Dimensions in inches and (millimeters)
MBRS3045CT
Note1: Pulse Test : 300us Pulse Width, 1% Duty cycle
-65 to + 150
10,000
-65 to + 150
IF(AV)
30
1.5
50
OC/W
MBRS3045CT
D
2PAK
Version:A11
Operating Temperature Range
Storage Temperature Range
Y
= Year
30.0AMPS Surface Mount Schottky Barrier Rectifier
Marking Diagram
Case: JEDEC D
2PAK molded plastic
45
31
45
Maximum RMS Voltage
Maximum Repetitive Peak Reverse Voltage
Maximum DC blocking voltage
WW
= Work Week
Polarity: As marked
Terminals: Leads solderable per MIL-STD-750, Method 2026
Voltage rate of change (Rated VR)
Type Number
Maximum Ratings and Electrical Characteristic
Weight: 1.41 grams
Maximum Instantaneous Forward Voltage at (Note 1)
IF = 15A, TA=25℃
IF = 15A, TA=125℃
IF = 30A, TA=25℃
IF = 30A, TA=125℃
0.75
Mounting position: Any
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - MBRS3045CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRS3045CT TSC-MBRS3045CT Datasheet
149Kb / 4P
Dual Common Cathode Schottky Rectifier
logo
Nantong Hornby Electron...
MBRS3045CT HORNBY-MBRS3045CT Datasheet
291Kb / 3P
SCHOTTKY BARRIER RECTIFIER
logo
Taiwan Semiconductor Co...
MBRS3045CT-01 TSC-MBRS3045CT-01 Datasheet
166Kb / 2P
30.0Amp Surface Mount Schottky Barrier Rectifier
MBRS3045CT TSC-MBRS3045CT_14 Datasheet
149Kb / 4P
Dual Common Cathode Schottky Rectifier
More results

Similar Description - MBRS3045CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRF3080CT TSC-MBRF3080CT Datasheet
253Kb / 2P
Isolated 30.0AMPS Schottky Barrier Rectifier
MBRI30100CT TSC-MBRI30100CT Datasheet
142Kb / 2P
30.0Amps Surface Mount Schottky Barrier Rectifier
MBR30H100CT TSC-MBR30H100CT Datasheet
128Kb / 2P
30.0AMPS. Schottky Barrier Rectifiers
MBR3035PT TSC-MBR3035PT_11 Datasheet
133Kb / 2P
30.0AMPS. Schottky Barrier Rectifiers
MBRF30L45CT TSC-MBRF30L45CT_11 Datasheet
252Kb / 2P
30.0AMPS Isolated Low VF Schottky Barrier Rectifier
MBRI30100CT TSC-MBRI30100CT_11 Datasheet
142Kb / 2P
30.0AMPS Schottky Barrier Rectifier
MBRS30H45CT TSC-MBRS30H45CT_11 Datasheet
133Kb / 2P
30.0AMPS Surface Mount Schottky Barrier Rectifier
MBR3035CT TSC-MBR3035CT_11 Datasheet
218Kb / 2P
30.0AMPS. Schottky Barrier Rectifiers
MBR3035CT TSC-MBR3035CT_13 Datasheet
234Kb / 3P
30.0AMPS. Schottky Barrier Rectifiers
SR3020PT TSC-SR3020PT_13 Datasheet
246Kb / 3P
30.0AMPS. Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com