Electronic Components Datasheet Search
  English  ▼

X  

LM8V30 Datasheet(PDF) 1 Page - Sharp Corporation

Part # LM8V30
Description  Color STN-LCD Module(Handheld PC)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LM8V30 Datasheet(HTML) 1 Page - Sharp Corporation

  LM8V30 Datasheet HTML 1Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
New Product
Color STN-LCD Module
LM8V30
(Handheld PC)
Features
s 20 cm [7.7"] VGA format
s Low power consumption (0.8 W)
s Thin (8.0 mm) & lightweight (240 g)
Specifications
Parameter
Unit
Parameter
Unit
Display size
20 [7.7]
cm [ "]
Backlight type
1CCFT (E)
-
Dot format (H x V)
640 x RGB x 480
dot
Duty ratio
1/240
-
Dot pitch (H x V)
0.082 x 0.246
mm
Logic voltage
3.3 Vcon
V
Active area (H x V)
157.4 x 118.0
mm
Power consumption
780
mW
Panel type
*1
-
Outline dimensions (W x H x D) 197.0 x 142.5 x 8.0
mm
Panel mode
Transmissive
-
Weight
240
g
Contrast ratio
30 : 1
-
Operating temperature
0 to +40
°C
Response time
350
ms
Storage temperature
-25 to +60
°C
Brightness
70
cd/m2
*1...Triple Super Twisted Nematic
Outline Dimensions
unit : mm
50
3
1
2
640 x R.G.B x 480Dots
89.83
3MIN
100.67
(I/F Connector Center)
190.5
197
Center Line (Bezel Opening Area Center)
3.5
3.2
1
15
0.062
R
0.082
0.020
R
B
G
B
R
G
G
14
1
B
Active Area 157.42 x 118.06
Bezel Opening Area 161.4 x 122.1


Similar Part No. - LM8V30

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LM8V302 SHARP-LM8V302 Datasheet
116Kb / 1P
Color STN-LCD Module(Handheld PC)
More results

Similar Description - LM8V30

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LM133SS1T60 SHARP-LM133SS1T60 Datasheet
18Kb / 1P
Color STN-LCD Module(Notebook PC)
LM14X82 SHARP-LM14X82 Datasheet
24Kb / 1P
Color STN-LCD Module(Desktop PC/Monitor)
LM15X80 SHARP-LM15X80 Datasheet
26Kb / 1P
Color STN-LCD Module(Desktop PC/Monitor)
LM7M632 SHARP-LM7M632 Datasheet
14Kb / 1P
Color STN-LCD Module(Handheld PC)
LM7M633 SHARP-LM7M633 Datasheet
109Kb / 1P
Color STN-LCD Module(Handheld PC)
LM8V302 SHARP-LM8V302 Datasheet
116Kb / 1P
Color STN-LCD Module(Handheld PC)
LM8V31 SHARP-LM8V31 Datasheet
119Kb / 1P
Color STN-LCD Module(Handheld PC)
LQ039Q2DS02 SHARP-LQ039Q2DS02 Datasheet
111Kb / 1P
Color TFT-LCD Module(Handheld PC)
LQ039Q2DS54 SHARP-LQ039Q2DS54 Datasheet
116Kb / 1P
Color TFT-LCD Module(Handheld PC)
LM130SS1T611 SHARP-LM130SS1T611 Datasheet
106Kb / 1P
Color STN-LCD Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com