Electronic Components Datasheet Search
  English  ▼

X  

MBR20150FCT Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MBR20150FCT
Description  20 Amp High Voltage Power Schottky Barrier Rectifier 150Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBR20150FCT Datasheet(HTML) 1 Page - Micro Commercial Components

  MBR20150FCT Datasheet HTML 1Page - Micro Commercial Components MBR20150FCT Datasheet HTML 2Page - Micro Commercial Components MBR20150FCT Datasheet HTML 3Page - Micro Commercial Components MBR20150FCT Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MBR20150FCT
20 Amp High Voltage
Features
•
High Junction Temperature Capability
•
Low Leakage Current
MCC
Catalog
Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
MBR 20150 FCT
150 V
105V
150 V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
20 A
TC =155
°C
Peak Forward Surge
Current
IFSM
180A
8.3ms,half
Maximum
Instantaneous
Forward Voltage
MBR20150FCT
VF
.92V
IFM = 10A
TJ =25
°C
150Volts
Maximum Ratings
•
Operating J unction Temperature : 150
°C
•
Storage Temperature: - 50
°C to +150°C
•
Per d iode Thermal Resistance 2.2°C/W Junction to Case
•
Total Thermal Resistance 1.3°C/W Junction to Case
BarrierRectifier
Power Schottky
Maximum
Reverse Current At
Rated DC Blocking
Voltage
IR
25
µ A
TJ = 25
°C
5m A
TJ = 125
°C
VF
.75V
IFM = 10A
TJ = 125
°C
sine wave
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
TM
Micro Commercial Components
www.mccsemi.com
1 of 4
Revision: A
2011/08/22
ITO-220AB

INCHES
MM






A
.583
.6
30
14.80
1
6.00
B
---
.406
---
10.30
N
.098
.114
2.50
2.90

C
.100
.112
2.55
2.85
D
.248
.272
6.30
6.90
E
---
.161
---
4.10
F
---
.071
---
1.80
G
.512
.543
13.00
13.80
H
.100
2.55
I
---
.035
---
0.90
J
---
.032
---
0.80
K
.118
.134
3.00
3.40
L
---
.189
---
4.80
M
---
.130
---
3.30
O
---
.055
---
1.40
PIN 1
PIN 3
PIN 2
A
B
C
K
J
I
H
G
E
D
N
M
L
H
PIN
13
2
O
F
• Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
• Marking:type number
Notes:1.High Temperature Solder Exemption Applied, see EU Directive Annex 7.
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1


Similar Part No. - MBR20150FCT

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
MBR20150FCT CTC-MBR20150FCT Datasheet
66Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
MBR20150FCT PANJIT-MBR20150FCT Datasheet
94Kb / 2P
20 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Sirectifier Global Corp...
MBR20150FCT SIRECT-MBR20150FCT Datasheet
145Kb / 4P
Power Schottky Rectifier - 20Amp 150Volt
logo
Kersemi Electronic Co.,...
MBR20150FCT KERSEMI-MBR20150FCT Datasheet
1Mb / 3P
20 Amp High Voltage Power Schottky Barrier Rectifier 150Volts
logo
Frontier Electronics.
MBR20150FCT FRONTIER-MBR20150FCT Datasheet
528Kb / 2P
20A SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - MBR20150FCT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR10150CT MCC-MBR10150CT Datasheet
650Kb / 3P
10 Amp High Voltage 150Volts Barrier Rectifier Power Schottky
MBR20150CT MCC-MBR20150CT Datasheet
382Kb / 3P
20 Amp High Voltage Power Schottky Barrier Rectifier 150Volts
logo
Shanghai Lunsure Electr...
MBR10150CT CHENYI-MBR10150CT Datasheet
244Kb / 4P
10Amp high voltage power schottky barrier rectifier 150volts
logo
Micro Commercial Compon...
MBR10150 MCC-MBR10150 Datasheet
188Kb / 3P
10 Amp High Voltage Power Schottky Barrier Rectifier 150Volts
MBR10150CT MCC-MBR10150CT_08 Datasheet
236Kb / 4P
10 Amp High Voltage Power Schottky Barrier Rectifier 150Volts
MBR20150CT MCC-MBR20150CT_07 Datasheet
88Kb / 4P
20 Amp High Voltage Power Schottky Barrier Rectifier 150Volts
logo
Kersemi Electronic Co.,...
MBR10150 KERSEMI-MBR10150 Datasheet
1Mb / 3P
10 Amp High Voltage Power Schottky Barrier Rectifier 150Volts
MBR20120CT KERSEMI-MBR20120CT Datasheet
1Mb / 2P
20 Amp High Voltage Power Schottky Barrier Rectifier 120Volts
MBR20150CT KERSEMI-MBR20150CT Datasheet
994Kb / 2P
20 Amp High Voltage Power Schottky Barrier Rectifier 150Volts
MBR20150FCT KERSEMI-MBR20150FCT Datasheet
1Mb / 3P
20 Amp High Voltage Power Schottky Barrier Rectifier 150Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com