Electronic Components Datasheet Search
  English  ▼

X  

P4SMA10 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # P4SMA10
Description  400 Watts Suface Mount Transient Voltage Suppressor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

P4SMA10 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  P4SMA10 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd P4SMA10 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd P4SMA10 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd P4SMA10 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Test
Stand-Off
Maximum
Maximum
Maximum
Maximum
Current
Voltage
Reverse Leakage Peak Pulse Clamping Voltage Temperature
IT
VWM
@ VWM
Current IPPM
@ IPPM
Coefficient
Min
Max
(mA)
(V)
ID (uA)
(A) (Note 2)
Vc(V)
of VBR(%/℃)
P4SMA100
CWJ
90
110
1.0
81.0
5.0
2.9
144
0.106
P4SMA100A
CXJ
95
105
1.0
85.5
5.0
3.0
137
0.106
P4SMA110
CYJ
99
121
1.0
89.2
5.0
2.6
158
0.107
P4SMA110A
CZJ
105
116
1.0
94.0
5.0
2.7
152
0.107
P4SMA120
RDJ
108
132
1.0
97.2
5.0
2.4
173
0.107
P4SMA120A
REJ
114
126
1.0
102.0
5.0
2.5
165
0.107
P4SMA130
RFJ
117
143
1.0
105.0
5.0
2.2
187
0.107
P4SMA130A
RGJ
124
137
1.0
111.0
5.0
2.3
179
0.107
P4SMA150
RHJ
135
165
1.0
121.0
5.0
1.9
215
0.108
P4SMA150A
RKJ
143
158
1.0
128.0
5.0
2.0
207
0.108
P4SMA160
RLJ
144
176
1.0
130.0
5.0
1.8
230
0.108
P4SMA160A
RMJ
152
168
1.0
136.0
5.0
1.9
219
0.108
P4SMA170
RNJ
153
187
1.0
138.0
5.0
1.7
244
0.108
P4SMA170A
RPJ
162
179
1.0
145.0
5.0
1.8
234
0.108
P4SMA180
RQJ
162
198
1.0
146.0
5.0
1.6
258
0.108
P4SMA180A
RRJ
171
189
1.0
154.0
5.0
1.7
246
0.108
P4SMA200
RSJ
180
220
1.0
162.0
5.0
1.4
287
0.108
P4SMA200A
RTJ
190
210
1.0
171.0
5.0
1.51
274
0.108
Notes:
1. VBR measure after IT applied for 300us, IT=square wave pulse or equivalent.
2. Surge current waveform per Figure. 3 and derate per Figure. 2.
3. For bipolar types having VWM of 10 volts and under, the I D limit is doubled.
4. For bidirectional use C or CA suffix for types P4SMA6.8 through P4SMA200A.
5. All terms and symbols are consistent with ANSI/IEEE C62.35.
Version:F11
ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
Device
Device
Marking
Code
Breakdown Voltage
VBR (V)
(Note 1)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com