Electronic Components Datasheet Search
  English  ▼

X  

LM8V33 Datasheet(PDF) 1 Page - Sharp Corporation

Part # LM8V33
Description  Color STN-LCD Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LM8V33 Datasheet(HTML) 1 Page - Sharp Corporation

  LM8V33 Datasheet HTML 1Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
New Product
LM8V33
Color STN-LCD Module
Features
n
20 cm [7.7"] VGA format
n
Low power consumption (1.4 W)
n
Thin (6.0 mm) package
n
Lightweight (220 g)
Specifications
Parameter
Unit
Parameter
Unit
Display size
20 [7.7]
cm [ "]
Backlight type
1CCFT (E)
-
Dot format (H x V)
640 x RGB x 480
dot
Duty ratio
1/240
-
Dot pitch (H x V)
0.08 x 0.246
mm
Logic voltage
3.3/3.3 Vcon
V
Active area (H x V)
157.4 x 118.0
mm
Power consumption panel
130
mW
Panel type
*1
-
Backlight
1 200
mW
Panel mode
Transmissive
-
Outline dimensions (W x H x D) 195.8 x 142.5 x 6.0
mm
Contrast ratio
35 : 1
-
Weight
220
g
Response time
350
ms
Operating temperature
0 to +40
∞C
Brightness
70
cd/m2
Storage temperature
-25 to +60
∞C
*1...Triple Super Twisted Nematic
Outline Dimensions
unit : mm
1
50
2
Active Area 157.42X118.06
3MIN
2
3.5
195.8
190.5
3.5
3.5
17.6
6.3MAX Area
3.2
R
B
B
G
R
B
G
G
R
G
R
100(I/F Connector Edge
Center Line(bezel Opening Area Center)
89.83
640 x R.G.B x 480Dots
0.02
0.082
0.062
Bezel Opening Area 161.4X122.1


Similar Part No. - LM8V33

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LM8V30 SHARP-LM8V30 Datasheet
21Kb / 1P
Color STN-LCD Module(Handheld PC)
LM8V302 SHARP-LM8V302 Datasheet
116Kb / 1P
Color STN-LCD Module(Handheld PC)
LM8V31 SHARP-LM8V31 Datasheet
119Kb / 1P
Color STN-LCD Module(Handheld PC)
LM8V311 SHARP-LM8V311 Datasheet
919Kb / 30P
DEVlCESPECIFICATIONfoor for Passive Matrix Color LCD Module (640 X 480 dots)
More results

Similar Description - LM8V33

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LM10V33 SHARP-LM10V33 Datasheet
46Kb / 1P
Color STN LCD Module
LM10V332 SHARP-LM10V332 Datasheet
109Kb / 1P
Color STN-LCD Module
LM12S402 SHARP-LM12S402 Datasheet
72Kb / 1P
Color STN-LCD Module
LM12S47 SHARP-LM12S47 Datasheet
72Kb / 1P
Color STN-LCD Module
LM12S48 SHARP-LM12S48 Datasheet
72Kb / 1P
Color STN-LCD Module
LM15X11 SHARP-LM15X11 Datasheet
75Kb / 1P
Color STN-LCD Module
LM64C350 SHARP-LM64C350 Datasheet
65Kb / 1P
Color STN LCD Module
LM9V381 SHARP-LM9V381 Datasheet
50Kb / 1P
Color STN-LCD Module
LM130SS1T611 SHARP-LM130SS1T611 Datasheet
106Kb / 1P
Color STN-LCD Module
LM8M64 SHARP-LM8M64_07 Datasheet
783Kb / 30P
Color STN LCD Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com