Electronic Components Datasheet Search
  English  ▼

X  

RB400D Datasheet(PDF) 2 Page - Micro Commercial Components

Part # RB400D
Description  0.5 Amp Schottky Barrier Rectifier 40 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

RB400D Datasheet(HTML) 2 Page - Micro Commercial Components

  RB400D Datasheet HTML 1Page - Micro Commercial Components RB400D Datasheet HTML 2Page - Micro Commercial Components RB400D Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RB400D
0.5 Amp Schottky
Barrier Rectifier
40 Volts
Features
•
Small surface mounting type
•
Low reverse current and low forward voltage
•
High reliability
Maximum Ratings
Parameter
Symbol
Value
Unit
Peak Reverse Voltage
VRM
40
V
DC Reverse Voltage
VR
40
V
Mean Rectifying
Current
IO
500
mA
Peak Forward Surge
Current
IFSM
3
A
Junction Temperature
TJ
125
℃
Storage Temperature
TSTG
-40 to 125
℃
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Parameter
Symbol
Min.
Typ.
Max.
Unit
Forward Voltage
@ IF=0.5A
VF
---
---
0.55
V
Reverse Current
@VR=30V
@ VR=10V
IR
---
---
---
---
50
30
uA
Capacitance
Between Terminals
@VR =0V, f=1MHz
@VR =10V, f=1MHz
CT
---
---
125
20
---
---
pF
Marking: D3A
www.mccsemi.com
Revision: 2
2006/05/13
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.113
.117
2.87
2.97
B
.108
.112
2.75
2.85
C
.061
.065
1.55
1.65
D
.036
.038
.925
.975
E
.073
.077
1.85
1.95
G
.0016
.0039
.04
.100
H
.044
.049
1.12
1.25
J
.006
.007
.14
.17
K
.013
.015
.34
.37
A
B
C
D
E
G
H
J
K
Suggested Solder
Pad Layout
.087
2.200
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
DIMENSIONS
SOT-23-3L
 omponents
20736 Marilla Street Chatsworth

 !"#
$%   !"#
MCC
TM
Micro Commercial Components
•
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
1 of 2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com