Electronic Components Datasheet Search
  English  ▼

X  

SFF2004G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SFF2004G
Description  20.0AMPS Isolated Glass Passivated Super Fast Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SFF2004G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SFF2004G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SFF2004G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CREAT BY ART
UL Recognized File # E-326243
High efficiency, low VF
High current capability
High reliability
High surge current capability
Low power loss
SFF200XG
= Specific Device Code
G
= Green Compound
Y
= Year
WW
= Work Week
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
SFF
2001G
SFF
2002G
SFF
2003G
SFF
2004G
SFF
2005G
SFF
2006G
SFF
2007G
SFF
2008G
Unit
VRRM
50
100
150
200
300
400
500
600
V
VRMS
35
70
105
140
210
280
350
420
V
VDC
50
100
150
200
300
400
500
600
V
Trr
nS
Cj
pF
RθjC
OC/W
TJ
OC
TSTG
OC
Note 3: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
150
Case: ITO-220AB Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Marking Diagram
A
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method)
Terminals: Pure tin plated, lead free, solderable
per MIL-STD-202, Method 208 guaranteed
A
20
Dimensions in inches and (millimeters)
Weight: 1.75 grams
Typical Thermal Resistance
Type Number
uA
IFSM
IF(AV)
For use in low voltage, high frequency inventor,
Free wheeling, and polarity protection application
Mechanical Data
SFF2001G - SFF2008G
20.0AMPS Isolated Glass Passivated Super Fast Rectifier
ITO-220AB
- 65 to + 150
2.5
Features
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
@TC=100℃
Maximum Repetitive Peak Reverse Voltage
Polarity: As marked
High temperature soldering:
260℃/10 seconds/.16",(4.06mm) from case
Maximum Reverse Recovery Time (Note 2)
35
90
Version:E11
- 65 to + 150
Typical Junction Capacitance (Note 3)
Note 2: Reverse Recovery Test Conditions: I F=0.5A, IR=1.0A, IRR=0.25A
Note 1: Pulse Test with PW=300 usec, 1% Duty Cycle
Operating Temperature Range
Storage Temperature Range
Maximum Reverse Current @ Rated VR TA=25 ℃
T A=125 ℃
IR
10
400
1.7
V
Maximum Instantaneous Forward Voltage (Note 1)
@ 10A
VF
0.975
1.3
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - SFF2004G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SFF2004G TSC-SFF2004G Datasheet
114Kb / 2P
Isolation 20.0 AMPS. Glass Passivated Super Fast Rectifiers
SFF2004G TSC-SFF2004G Datasheet
330Kb / 2P
Isolated 20.0 AMPS. Glass Passivated Super Fast Rectifiers
logo
Thinki Semiconductor Co...
SFF2004G THINKISEMI-SFF2004G Datasheet
613Kb / 2P
Isolated Common Anode Super Fast Rectifier Diodes
SFF2004G THINKISEMI-SFF2004G Datasheet
1Mb / 2P
20.0 Amperes Insulated Dual Common Cathode Super Fast Recovery Rectifiers
logo
Inchange Semiconductor ...
SFF2004G ISC-SFF2004G Datasheet
270Kb / 2P
Ultra fast Rectifier
More results

Similar Description - SFF2004G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SFF2005GA TSC-SFF2005GA Datasheet
267Kb / 2P
Isolated 20.0Amps Glass Passivated Super Fast Rectifier
SFF2008GA TSC-SFF2008GA Datasheet
267Kb / 2P
Isolated 20.0Amps Glass Passivated Super Fast Rectifiers
SF2001G TSC-SF2001G_11 Datasheet
193Kb / 2P
20.0AMPS. Glass Passivated Super Fast Rectifiers
SFAF2001G TSC-SFAF2001G_11 Datasheet
197Kb / 2P
20.0AMPS. Isolated Glass Passivated Super Fast Rectifiers
SF2001G TSC-SF2001G_13 Datasheet
389Kb / 3P
20.0AMPS. Glass Passivated Super Fast Rectifiers
SFAF2001G TSC-SFAF2001G_13 Datasheet
426Kb / 3P
20.0AMPS. Isolated Glass Passivated Super Fast Rectifiers
SFF501G TSC-SFF501G_13 Datasheet
422Kb / 3P
5.0AMPS Isolated Glass Passivated Super Fast Rectifier
SFF1601G TSC-SFF1601G_13 Datasheet
428Kb / 3P
16.0AMPS Isolated Glass Passivated Super Fast Rectifier
SFF2001G TSC-SFF2001G_13 Datasheet
421Kb / 3P
20.0AMPS Isolated Glass Passivated Super Fast Rectifier
SFF2004GA TSC-SFF2004GA Datasheet
397Kb / 3P
Isolated Glass Passivated Super Fast Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com