Electronic Components Datasheet Search
  English  ▼

X  

RB441Q Datasheet(PDF) 2 Page - Micro Commercial Components

Part # RB441Q
Description  0.1 Amp Schottky Barrier Rectifier 40 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

RB441Q Datasheet(HTML) 2 Page - Micro Commercial Components

  RB441Q Datasheet HTML 1Page - Micro Commercial Components RB441Q Datasheet HTML 2Page - Micro Commercial Components RB441Q Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
0
1
100m
10m
1m
100
µ
10
µ
0.1
0.2
0.3
0.4
0.5
0.6
0.7
pulse measurement
Typ.
FORWARD VOLTAGE : VF
(V)
Fig. 1 Forward characteristics
Fig. 2 Reverse characteristics
0
5
10
15
20
25
30
35
10m
1m
100
µ
10
µ
1
µ
0.1
µ
pulse measurement
REVERSE VOLTAGE : VR
(V)
40
Typ.
Ta
=125°C
75
°C
25
°C
0
5
10
15
20
25
1
10
100
1000
REVERSE VOLTAGE : VR
(V)
Fig. 3 Capacitance between
terminals characteristics
0
10
20
2
4
6
8
12
14
16
18
22
24
26
28
1
10
100
1000
PULSE WIDTH (mS)
Fig. 4 Forward surge current
characteristics
P
=50%
0
0.5
0.1
0.2
0.3
0.4
0.5
AVERAGE FORWARD CURRENT : IO
(A)
Fig. 5 Mean rectifying current
characteristics
Sine wave (Tj
=25
°C)
DC (Tj
=25
°C)
0
0
20
40
60
80
100
25
50
75
100
125
AMBIENT TEMPERATURE : Ta (
°C)
Fig. 6 Derating curve
(mounting on glass epoxy PCBs)
MCC
RB441Q
Revision: A
2011/01/01
TM
Micro Commercial Components
www.mccsemi.com
2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com