Electronic Components Datasheet Search
  English  ▼

X  

SMAJ30 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SMAJ30
Description  400 Watts Suface Mount Transient Voltage Suppressor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SMAJ30 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SMAJ30 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SMAJ30 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SMAJ30 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SMAJ30 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SMAJ30 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
creat by art
UL Recognized File # E-326243
Low profile package
Built-in strain relief
Glass passivated junction
Excellent clamping capability
Typical IR less than 1uA above 10V
XX
= Specific Device Code
G
= Green Compound
Y
= Year
M
= Work Month
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Symbol
Unit
PPK
Watts
PD
Watts
TJ, TSTG
℃
3.5
Volts
Minimum 400
Amps
1
Value
Packaging: 12mm tape per EIA Std RS-481
Mechanical Data
Terminals: Pure tin plated, lead free
Case: Molded plastic
Weight: 0.064 gram
Type Number
Operating and Storage Temperature Range
Peak Power Dissipation at TA=25℃, Tp=1ms(Note 1)
Devices for Bipolar Applications
Version:F11
1. For Bidrectional Use C or CA Suffix for Types SMAJ5.0 through Types SMAJ188
Features
Polarity: Indicated by cathode band
Steady State Power Dissipation
400 watts peak pulse power capability with a 10 /
1000 us waveform (300W above 78V)
Green compound with suffix "G" on packing
code & prefix "G" on datecode
For surface mounted application
Fast response time: Typically less than 1.0ps from
0 volt to BV min
High temperature soldering guaranteed:
260℃ / 10 seconds at terminals
Plastic material used carried Underwriters
Laboratory Flammability Classification 94V-0
SMAJ SERIES
400 Watts Suface Mount Transient Voltage Suppressor
Marking Diagram
SMA/DO-214AC
Dimensions in inches and (millimeters)
2. Electrical Characterstics Apply in Both Directions
-55 to +150
Peak Forward Surge Current, 8.3ms Single Half
Sine-wave Superimposed on Rated Load
(JEDEC method) (Note 2, 3)
IFSM
Note 1: Non-repetitive Current Pulse Per Fig. 3 and Derated above TA=25℃ Per Fig. 2
Note 2: Mounted on 5 x 5mm (.013mm Think) Copper Pads to Each Terminal
Note 3: 8.3ms Single Half Sine-wave or Equivalent Square Wave, Duty Cycle=4 Pulses Per Minute Maximum
40
Maximum Instantaneous Forward Voltage at 25.0A for
Unidirectional Only
VF
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - SMAJ30

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMAJ30 JGD-SMAJ30 Datasheet
313Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SMAJ30 EIC-SMAJ30 Datasheet
28Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
SMAJ30 ETC-SMAJ30 Datasheet
336Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
DAESAN ELECTRONIC CORP.
SMAJ30 DAESAN-SMAJ30 Datasheet
369Kb / 4P
POWER 400WATTS VOLTAGE 5.0 TO 188 VOLTS
logo
Taiwan Semiconductor Co...
SMAJ30 TSC-SMAJ30 Datasheet
85Kb / 5P
Surface Mount Transient Voltage Suppressor
More results

Similar Description - SMAJ30

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
P4SMA TSC-P4SMA_1 Datasheet
202Kb / 4P
400 Watts Surface Mount Transient Voltage Suppressor
P4SMA TSC-P4SMA_11 Datasheet
114Kb / 4P
400 Watts Suface Mount Transient Voltage Suppressor
P6SMB TSC-P6SMB_11 Datasheet
133Kb / 4P
600 Watts Suface Mount Transient Voltage Suppressor
SMBJ TSC-SMBJ_11 Datasheet
171Kb / 5P
600 Watts Suface Mount Transient Voltage Suppressor
SMCJ TSC-SMCJ_11 Datasheet
177Kb / 5P
1500 Watts Suface Mount Transient Voltage Suppressor
P4SMA TSC-P4SMA_13 Datasheet
239Kb / 6P
400 Watts Suface Mount Transient Voltage Suppressor
SMAJ TSC-SMAJ_13 Datasheet
319Kb / 7P
400 Watts Suface Mount Transient Voltage Suppressor
SMBJ TSC-SMBJ_13 Datasheet
338Kb / 7P
600 Watts Suface Mount Transient Voltage Suppressor
SMCJ TSC-SMCJ_13 Datasheet
351Kb / 7P
1500 Watts Suface Mount Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
SLCA5.0 SUNMATE-SLCA5.0 Datasheet
185Kb / 2P
400 Watts Surface Mount Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com