Electronic Components Datasheet Search
  English  ▼

X  

SMAJ33 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SMAJ33
Description  400 Watts Suface Mount Transient Voltage Suppressor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SMAJ33 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SMAJ33 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SMAJ33 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SMAJ33 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SMAJ33 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SMAJ33 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Version:F11
RATINGS AND CHARACTERISTIC CURVES (SMAJ SERIES)
FIG.2 PULSE DERATING CURVE
0
25
50
75
100
125
0
25
50
75
100
125
150
175
200
TA, AMBIENT TEMPERATURE (
oC)
FIG. 4 MAXIMUM NON-REPETITIVE FORWARD SURGE
CURRENT UNIDIRECTIONAL ONLY
0
10
20
30
40
50
1
10
100
NUMBER OF CYCLES AT 60 Hz
8.3mS Single Half Sine Wave
JEDEC Method
FIG. 3 CLAMPING POWER PULSE WAVEFORM
0
20
40
60
80
100
120
140
0
0.5
1
1.5
2
2.5
3
3.5
4
t, TIME ms
td
Peak Value
IPPM
tr=10usec
Half Value-IPPM/2
10/1000sec, WAVEFORM
as DEFINED by R.E.A.
PULSE WIDTH(td) is DEFINED
as the POINT WHERE the PEAK
CURRENT DECAYS to 50% OF IPPM
FIG. 5 TYPICAL JUNCTION CAPACITANCE
10
100
1000
10000
1
10
100
V(BR), BREAKDOWN VOLTAGE (V)
TA=25℃
f=1.0MHz
Vsig=50mVp-p
MEASURED AT
ZERO BIAS
MEASURED at
STAND-OFF
VOLTAGE,Vwm
FIG. 1 PEAK PULSE POWER RATING CURVE
0.1
1
10
100
0.1
1
10
100
1000
10000
tp, PULSE WIDTH, (uS)
NON-REPETITIVE
PULSE WAVEFORM
SHOWN in FIG.3
TA = 25℃



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com