Electronic Components Datasheet Search
  English  ▼

X  

MS6258 Datasheet(PDF) 3 Page - MOSA ELECTRONICS

Part # MS6258
Description  Gain and Attenuation Volume Controller IC 4 Sets of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6258 Datasheet(HTML) 3 Page - MOSA ELECTRONICS

  MS6258 Datasheet HTML 1Page - MOSA ELECTRONICS MS6258 Datasheet HTML 2Page - MOSA ELECTRONICS MS6258 Datasheet HTML 3Page - MOSA ELECTRONICS MS6258 Datasheet HTML 4Page - MOSA ELECTRONICS MS6258 Datasheet HTML 5Page - MOSA ELECTRONICS MS6258 Datasheet HTML 6Page - MOSA ELECTRONICS MS6258 Datasheet HTML 7Page - MOSA ELECTRONICS MS6258 Datasheet HTML 8Page - MOSA ELECTRONICS MS6258 Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
MOSA
MS6258
Gain And Attenuation Volume Controller IC
REV 6
3
www.mosanalog.com
OPERATING RATINGS
Symbol
Parameter
Min
Typ
Max
Unit
VDD
Supply Voltage
2.7
-
6.5
V
5V ELECTRICAL CHARACTERISTICS
(VDD=5.0V, VSS=0V, Attenuation=0dB, Gain=0dB, f=1kHz, VO=0dBV, VREF Cap=10uF; unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
DC Characteristics
IQ
Quiescent current
-
3.8
4.2
mA
Max gain
-
15
-
dB
AGA
Gain/Attenuation
Max attenuation
-
-79
-
dB
ASTEP
Gain/Attenuation step
-
1
-
dB
EGA
Gain/Attenuation step error
-
0.3
-
dB
CS
Channel separation
95
105
-
dB
PSRR
Power supply rejection ratio
Vripple = -20dBV, 100Hz
-
53
-
dB
MUTE
Mute Attenuation
Vin=0dBV
-
85
-
dB
Rin
Input Impedance
18
20
-
kΩ
Rout
Output Impedance
-
50
100
Ω
AC Characteristics
Vo
Maximum output voltage swing
(THD+N)/S < 0.1%
-
4.8
-
Vpp
THD+N
Total harmonic distortion plus
noise
-
-69
-64
dB
S/N
Signal-to-noise ratio
VO=4.5Vpp
95
100
-
dB
Bus Characteristics
VIH
Bus high input level
-
-
0.7VDD
V
VIL
Bus low input level
0.3VDD
-
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com