Electronic Components Datasheet Search
  English  ▼

X  

MS6308 Datasheet(PDF) 5 Page - MOSA ELECTRONICS

Part # MS6308
Description  Class AB Stereo Headphone Driver Low Distortion, Excellent PSRR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6308 Datasheet(HTML) 5 Page - MOSA ELECTRONICS

  MS6308 Datasheet HTML 1Page - MOSA ELECTRONICS MS6308 Datasheet HTML 2Page - MOSA ELECTRONICS MS6308 Datasheet HTML 3Page - MOSA ELECTRONICS MS6308 Datasheet HTML 4Page - MOSA ELECTRONICS MS6308 Datasheet HTML 5Page - MOSA ELECTRONICS MS6308 Datasheet HTML 6Page - MOSA ELECTRONICS MS6308 Datasheet HTML 7Page - MOSA ELECTRONICS MS6308 Datasheet HTML 8Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MOSA
MS6308
Class AB Stereo Headphone Driver
REV 2
5/8
www.mosanalog.com
APPLICATION INFORMATION
Inverting application
MS6308
1
2
3
3.9k
V
REF
3.9k
3.9k
3.9k
7
5
6
(typ. 2.5V)
R
L
V
OA
8
4
100uF
100uF
V
iB
V
iA
V
DD
V
OB
R
L
100uF
10uF
10uF
Fig.2
Measurement circuit, inverting application
Example of CD application with MS6311
BCK
WS
DATA
GND
VoR
n.c
VoL
V
DD
MS6311
100uF
MS6308
68pF
56k
22k
22k
1nF
15k
1.2nF
1uF
100k
1uF
100k
10Ω
Supply
V
REF
47uF
0.1uF
f
-3dB = 17.5kHz
DC
gain = 1.5
V
DAC out p-p = 1.32V
V
out p-p = 1.98V
For V
DD = 3.3V
Headphone
(32Ω)
Fig.3
Example of a multiple feedback third order lowpass filter application.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com