Electronic Components Datasheet Search
  English  ▼

X  

SRAS8150 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SRAS8150
Description  8.0AMPS. Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SRAS8150 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SRAS8150 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SRAS8150 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CREAT BY ART
UL Recognized File #E-326854
For surface mounted application
Ideal for automated pick & place
Low power loss, high efficiency
High current capability, low VF
Epitaxial construction
Guard-ring for transient protection
Mechanical Data
SRAS8XX
= Specific Device Code
G
= Green Compound
Y
= Year
WW
= Work Week
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
SRAS
820
SRAS
830
SRAS
840
SRAS
850
SRAS
860
SRAS
890
SRAS
8100
SRAS
8150
Unit
VRRM
20
30
40
50
60
90
100
150
V
VRMS
14
21
28
35
42
63
70
105
V
VDC
20
30
40
50
60
90
100
150
V
IF(AV)
A
IFSM
A
Cj
pF
RθjC
OC/W
TJ
OC
TSTG
OC
Polarity: As marked
High temperature soldering guaranteed:
260℃/10 seconds/.25", (6.35mm) from case
Weight: 1.36 gram
Type Number
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method)
Note 2: Measure at 1MHz and Applied Reverse Voltage of 4.0V D.C.
Version:F11
V
Maximum Instantaneous Forward Voltage (Note 1)
@ 8.0A
VF
0.55
Terminals: Pure tin plated, lead free, solderable
per MIL-STD-202, Method 208 guaranteed
Epoxy: UL 94V-0 rate flame retardant
Features
High reliabbility
Plastic material used carriers Underwriters
Laboratory Classification 94V-0
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Case: D
2PAK molded plastic
SRAS820 - SRAS8150
8.0AMPS. Surface Mount Schottky Barrier Rectifiers
Marking Diagram
D
2PAK
Dimensions in inches and (millimeters)
- 65 to + 150
Typical Thermal Resistance
mA
150
3
5
IR
-
0.70
0.95
Note 1: Pulse Test with PW=300u sec, 1% Duty Cycle
Operating Temperature Range
Storage Temperature Range
0.1
Maximum Reverse Current @ Rated VR TA=25 ℃
T A=100℃
T A=125 ℃
5
-
- 65 to + 150
Typical Junction Capacitance (Note 2)
165
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
8.0
Maximum Average Forward Rectified Current
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - SRAS8150

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SRAS8150 TSC-SRAS8150 Datasheet
161Kb / 2P
8.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SRAS8150 TSC-SRAS8150 Datasheet
257Kb / 4P
8.0AMPS. Surface Mount Schottky Barrier Rectifiers
SRAS8150 TSC-SRAS8150 Datasheet
210Kb / 4P
Surface Mount Schottky Barrier Rectifiers
logo
Inchange Semiconductor ...
SRAS8150 ISC-SRAS8150 Datasheet
233Kb / 2P
Schottky Barrier Rectifier
More results

Similar Description - SRAS8150

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SFAS801G TSC-SFAS801G_11 Datasheet
174Kb / 2P
8.0AMPS Surface Mount Super Fast Rectifiers
SRA820 TSC-SRA820_11 Datasheet
219Kb / 2P
8.0AMPS. Schottky Barrier Rectifiers
SFAS801G TSC-SFAS801G_13 Datasheet
428Kb / 4P
8.0AMPS Surface Mount Super Fast Rectifiers
SR802 TSC-SR802_13 Datasheet
260Kb / 4P
8.0AMPS. Schottky Barrier Rectifiers High reliability
SRA820 TSC-SRA820_13 Datasheet
246Kb / 3P
8.0AMPS. Schottky Barrier Rectifiers High reliabbility
SRAF820 TSC-SRAF820_13 Datasheet
246Kb / 3P
8.0AMPS. Isolated Schottky Barrier Rectifiers
SRAS820 TSC-SRAS820_13 Datasheet
257Kb / 4P
8.0AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Chongqing Pingwei Enter...
PS860L CHONGQING-PS860L Datasheet
197Kb / 1P
8.0AMPS. SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com