Electronic Components Datasheet Search
  English  ▼

X  

SRF20150 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SRF20150
Description  20.0AMPS. Isolated Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SRF20150 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SRF20150 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SRF20150 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Version:F11
RATINGS AND CHARACTERISTIC CURVES (SRF2020 THRU SRF20150)
FIG.1 FORWARD CURRENT DERATING CURVE
0
5
10
15
20
25
0
25
50
75
100
125
150
LEAD TEMPERATURE (
oC)
SRF2060 - 20150
SRF2020 - 2050
FIG. 2 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
0
50
100
150
200
250
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 4 TYPICAL REVERSE
CHARACTERISTICS
0.001
0.01
0.1
1
10
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE.(%)
TA=25℃
TA=100℃
FIG. 5 TYPICAL JUNCTION CAPACITANCE
100
1000
10000
0.1
1
10
100
REVERSE VOLTAGE (V)
TA=25℃
SRF2020-2040
SRF2050-2060
SRF2090-20150
FIG. 3 TYPICAL FORWARD
CHARACTERISTICS
0.1
1
10
100
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
FORWARD VOLTAGE (V)
SRF2020-2040
SRF2050-2060
SRF20150
SRF2090-20100
FIG. 6 TYPICAL TRANSIENT THERMAL
IMPEDANCE
0.1
1
10
100
0.01
0.1
1
10
100
T-PILSE DURATION(s)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com