Electronic Components Datasheet Search
  English  ▼

X  

2N5322 Datasheet(PDF) 2 Page - Seme LAB

Part # 2N5322
Description  HIGH SPEED MEDIUM VOLTAGE SWITCHES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N5322 Datasheet(HTML) 2 Page - Seme LAB

  2N5322 Datasheet HTML 1Page - Seme LAB 2N5322 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Parameter
Test Conditions
Min.
Typ.
Max. Unit
µA
µA
V
V
V
V
V
—
MHz
ns
-0.5
-5
-0.1
-0.5
-100
-75
-75
-50
-6
-5
-0.7
-1.2
-1.1
-1.4
30
130
10
40
250
50
100
1000
2N5322
2N5323
Document Number 3073
Issue 2
Semelab plc. Telephone +44(0)1455) 556565. Fax +44(0)1455) 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
ICBO
IEBO
V(BR)CEV
V(BR)CEO*
V(BR)EBO
VCE(sat)*
VBE*
hFE*
fT
ton
toff
Collector Cut Off Current
Emitter Cut Off Current
Collector Emitter Breakdown Voltage
Collector-Emitter Breakdown Voltage
Emitter Base Breakdown Voltage
Collector Emitter Saturation Voltage
Base Emitter Voltage
DC Current Gain
Transistion Frequency
Turn-On Time
Turn Off Time
VCB = -80V
IE = 0 2N5322
VCB = -60V
IE = 0 2N5323
VEB = -5V
IC = 0 2N5322
VEB = -4V
IC = 0 2N5323
VBE = 1.5V
IC = -0.1mA
2N5322
2N5323
IC = -10mA
IB = 0
2N5322
2N5323
IE = -0.1mA
IC = 0
2N5322
2N5323
IC = -500mA
IB = -50mA
2N5322
2N5323
IC = -500mA
VCE = -4V
2N5322
2N5323
IC = -500mA
VCE = -4V
IC = -1A
VCE = -2V
2N5322
IC = -500mA
VCE = -4V
2N5323
IC = -50mA
VCE = -4V
IC = -500mA
VCC = -30V
IB1 = -50mA
IC = -500mA
VCC = -30V
IB1=-IB2 = -50mA
ELECTRICAL CHARACTERISTICS FOR (Tcase = 25°C unless otherwise stated)
* Pulse test tp = 300µs , δ = 1 %



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com