Electronic Components Datasheet Search
  English  ▼

X  

TS8P02G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS8P02G
Description  Single Phase 8.0 AMPS. Glass Passivated Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS8P02G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS8P02G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS8P02G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
creat by art
UL Recoganized File # E-326243
Glass passivated junction
Typical IR less than 0.1 uA
High surge current capability to 200A
Mechanical Data
TS8P0XG
= Specific Device Code
G
= Green Compound
Y
= Year
WW
= Work Week
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
TS8P
01G
TS8P
02G
TS8P
03G
TS8P
04G
TS8P
05G
TS8P
06G
TS8P
07G
Units
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
I
2tA2S
Cj
pF
RθJC
OC/W
TJ
OC
TSTG
OC
Features
Maximum Instantaneous Forward Voltage (Note 1)
@ 4 A
@ 8 A
10
500
Single Phase 8.0 AMPS. Glass Passivated Bridge Rectifiers
Plastic material has Underwriters Laboratory
Flammability Classification 94V-0
Maximum Average Forward Rectified Current
@ TC=110℃
IF(AV)
8A
Green compound with suffix "G" on packing
code & prefix "G" on datecode.
High temperature soldering guaranteed:
260℃ / 10 seconds at 5 lbs.,(2.3kg) tension
Rating of fusing ( t < 8.3mS)
Case: Molded plastic body
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Weight: 7.15 grams
Terminals: Pure tin plated , Lead free. Leads
solderable per MIL-STD-202 Method 208
TS8P01G - TS8P07G
Marking Diagram
TS-6P
V
166
Dimensions in inches and (millimeters)
1.0
1.1
VF
IFSM
A
Ideal for printed circuit board
High case dielectric strength of 2000VRMS
200
Mounting torque : 8.17 in. lbs. Max.
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method)
Type Number
- 55 to + 150
uA
uA
Maximum DC Reverse Current
@ TA=25 ℃
at Rated DC Blocking Voltage
@ TA=125 ℃
IR
Typical Thermal Resistance
1.4
Typical Junction Capacitance Per Leg (Note 2)
67
- 55 to + 150
Version:H11
Note 1 : Pulse Test with PW=300 usec, 1% Duty Cycle
Operating Temperature Range
Storage Temperature Range
Note 2 : Measured at 1MHz applied Reverse bias of 4.0V DC.
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - TS8P02G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS8P02G TSC-TS8P02G Datasheet
49Kb / 2P
Single Phase 8.0 Amps. Glass Passivated Bridge Rectifiers
TS8P02G TSC-TS8P02G Datasheet
227Kb / 2P
Single Phase 8.0 Amps. Glass Passivated Bridge Rectifiers
TS8P02G TSC-TS8P02G Datasheet
216Kb / 4P
Glass Passivated Bridge Rectifiers
logo
Taiwan Memory Technolog...
TS8P02G TMT-TS8P02G Datasheet
341Kb / 4P
8A, 50V - 1000V Glass Passivated Bridge Rectifiers
More results

Similar Description - TS8P02G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
KBPC800G JGD-KBPC800G Datasheet
128Kb / 2P
SINGLE PHASE 8.0 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
KBU800G JGD-KBU800G Datasheet
138Kb / 2P
SINGLE PHASE 8.0 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
GBU801 TSC-GBU801 Datasheet
49Kb / 2P
Single Phase 8.0 AMPS. Glass Passivated Bridge Rectifiers
SB801G TSC-SB801G Datasheet
69Kb / 2P
Single Phase 8.0 AMPS. Glass Passivated Bridge Rectifiers
TS8P01G TSC-TS8P01G Datasheet
49Kb / 2P
Single Phase 8.0 Amps. Glass Passivated Bridge Rectifiers
KBU801G TSC-KBU801G Datasheet
54Kb / 2P
Single Phase 8.0 AMPS. Glass Passivated Bridge Rectifiers
KBU801G TSC-KBU801G_1 Datasheet
171Kb / 2P
Single Phase 8.0 AMPS Glass Passivated Bridge Rectifiers
GBU801 TSC-GBU801_10 Datasheet
526Kb / 2P
Single Phase 8.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Nanjing International G...
GBJ8005 DGNJDZ-GBJ8005 Datasheet
165Kb / 2P
SINGLE PHASE 8.0 AMPS GLASS PASSIVATED BRIDGE RECTIFIERS
KBJ8005 DGNJDZ-KBJ8005 Datasheet
158Kb / 2P
SINGLE PHASE 8.0 AMPS GLASS PASSIVATED BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com