Electronic Components Datasheet Search
  English  ▼

X  

2N6796 Datasheet(PDF) 2 Page - Seme LAB

Part # 2N6796
Description  TMOS FET ENHANCEMENT N - CHANNEL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N6796 Datasheet(HTML) 2 Page - Seme LAB

  2N6796 Datasheet HTML 1Page - Seme LAB 2N6796 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Document Number 3095
Issue 1
2N6796
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain–Source Breakdown Voltage
VGS(th)
Gate Thresshold Voltage1
IGSS
Gate–Body Leakage
IDSS
Zero Gate Voltage Drain Current
rDS(on)
Drain–Source On–Resistance1
V
DS(on)
Drain–Source On–Voltage1
gfs
Forward Transconductance1
Ciss
Input Capacitance
Coss
Output capacitance
Crss
Reverse Transfer Capacitance
td(on)
Turn–On Delay Time1
tr
RiseTime1
td(off)
Turn off Delay Time1
tf
FallTime1
VSD
Diode Forward Voltage1
ton
Forward Turn OnTime1
trr
Reverse Recovery Time1
VGS = 0
ID = 0.25mA
VDS=VGS
ID = 0.5mA
VDS = 0
VGS = ±20V
VDS = Rated VDSS
VGS = 0V
Tj = 125°C
VGS = 10V
ID = 5.0A
TA = 125°C
VGS = 10V
ID = 8.0A
VGS = 15V
ID = 5.0A
VDS = 25V
VGS = 0
f = 1.0MHZ
VDD = 30V
RGEN = 50Ω
ID = 5.0A
RG = 7.5 ohms
IS = Rated ID(on)
VGS = 0
100
2.0
4.0
±100
250
1000
0.18
0.35
1.56
3.0
9.0
350
900
150
500
50
150
30
75
40
45
5.5
Negligible
300
V
nA
µA
Ω
V
s( )
pF
ns
V
ns
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise stated)
1) Pulse test : Pulse Width < 300
µs ,Duty Cycle < 2%
2) Pulse width limited by maximum juction temperature
SOURCE DRAIN DIODE RATING CHARACTERISTICS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com