Electronic Components Datasheet Search
  English  ▼

X  

TS1084CPRO Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS1084CPRO
Description  5A Low Dropout Positive Voltage Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1084CPRO Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS1084CPRO Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1084CPRO Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1084CPRO Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1084CPRO Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1084CPRO Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1084CPRO Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1084CPRO Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS1084CPRO Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TS1084
5A Low Dropout Positive Voltage Regulator
1/8
Version: B07
TO-220
TO-263
(D
2PAK)
TO-252
(DPAK)
General Description
TS1084 are high performance positive voltage regulators are designed for use in applications requiring low dropout
performance at full rated current, Additionally, TS1084 provides excellent regulation over variations due to changes in
line, load and temperature. Outstanding features include low dropout performance at rated current, fast transient
response, internal current limiting and thermal shutdown protection of the output device. TS1084 are three terminal
regulators with fixed and adjustable voltage options available in popular packages.
Ordering Information
Part No.
Package
Packing
TS1084CZxx C0
TO-220
50pcs / Tube
TS1084CMxx RN
TO-263
800pcs / 13” Reel
TS1084CPxx RO
TO-252
2.5Kpcs / 13” Reel
Note: Where xx denotes voltage option, available are
3.3V and 2.5V. Leave blank for
adjustable version. Contact factory for additional
voltage options.
Features
●
Low Dropout Performance 1.5V max.
●
Fill Current Rating Over Line and Temperature
●
Fast Transient Response
●
±2% Total Output Regulation Over Line, Load and
Temperature
●
Adjust Pin Current max 90uA Over Temperature
●
Line Regulation Typical 0.015%
●
Load Regulation Typical 0.05%
●
Fixed / Adjustable Output Voltage
●
TO-220, TO-263 and TO-252 Package
Block Diagram
Typical Application Circuit
Fixed Output Voltage Version
VOUT = VREF(1+R2/R1) + Iadj R2
Adjustable Output Voltage Version
Pin Definition:
1. Fixed / Adj
2. Output
3. Input
Pin 2 connect to heat sink


Similar Part No. - TS1084CPRO

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1084CP-2.5 TSC-TS1084CP-2.5 Datasheet
140Kb / 6P
5A Low Dropout Positive Voltage Regulator
TS1084CP-3.3 TSC-TS1084CP-3.3 Datasheet
140Kb / 6P
5A Low Dropout Positive Voltage Regulator
TS1084CP-5.0 TSC-TS1084CP-5.0 Datasheet
140Kb / 6P
5A Low Dropout Positive Voltage Regulator
TS1084CPXXRO TSC-TS1084CPXXRO Datasheet
427Kb / 8P
5A Low Dropout Positive Voltage Regulator
More results

Similar Description - TS1084CPRO

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME1084 AME-AME1084 Datasheet
108Kb / 16P
5A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1084U HSMC-H1084U Datasheet
57Kb / 5P
5A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1084 TSC-TS1084 Datasheet
140Kb / 6P
5A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL1084-XXXE3 CYSTEKEC-PL1084-XXXE3 Datasheet
168Kb / 4P
5A Low Dropout Positive Voltage Regulator
PL1084-XXXF3 CYSTEKEC-PL1084-XXXF3 Datasheet
165Kb / 4P
5A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1084 TSC-TS1084_07 Datasheet
427Kb / 8P
5A Low Dropout Positive Voltage Regulator
TS1084 TSC-TS1084_13 Datasheet
247Kb / 7P
5A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL1084A-XXXF3 CYSTEKEC-PL1084A-XXXF3 Datasheet
293Kb / 6P
5A Low Dropout Positive Voltage Regulator
PL1084-XXXJ3 CYSTEKEC-PL1084-XXXJ3 Datasheet
267Kb / 6P
5A Low Dropout Positive Voltage Regulator
logo
List of Unclassifed Man...
TS1084CM ETC2-TS1084CM Datasheet
146Kb / 6P
5A Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com