Electronic Components Datasheet Search
  English  ▼

X  

BC378 Datasheet(PDF) 1 Page - Seme LAB

Part # BC378
Description  SILICON EPITAXIAL NPN TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BC378 Datasheet(HTML) 1 Page - Seme LAB

  BC378 Datasheet HTML 1Page - Seme LAB BC378 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SILICON EPITAXIAL
NPN TRANSISTOR
Semelab Limited reserves the right to change test conditions, parameter limits and package dimensions without notice.
Information furnished by Semelab is believed to be both accurate and reliable at the time of going to press. However
Semelab assumes no responsibility for any errors or omissions discovered in its use. Semelab encourages customers to
verify that datasheets are current before placing orders.
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 8890
Issue 1
Page 1 of 2
BC378
• Hermetic TO-18 Metal Package
• Designed For General Purpose Amplifiers,
Driver Stages and Signal Processing Applications
• Screening Options Available
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise stated)
VCES
Collector – Emitter Voltage (VEB = 0V)
30V
VCEO
Collector – Emitter Voltage (IB = 0)
25V
VEBO
Emitter – Base Voltage (IC = 0)
6V
IC
Collector Current
1.0A
IB
Base Current
0.2A
PD
Total Power Dissipation at
TA ≤ 25°C
375mW
TC ≤ 75°C
1.0W
TJ
Junction Temperature Range
175°C
Tstg
Storage Temperature Range
-65 to +175°C
THERMAL PROPERTIES
Symbols
Parameters
Min.
Typ.
Max.
Units
RθJA
Thermal Resistance, Junction To Ambient
400
°C/W
RθJC
Thermal Resistance, Junction To Case
100
°C/W


Similar Part No. - BC378

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BC378 SEME-LAB-BC378 Datasheet
10Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO18 Metal Package
More results

Similar Description - BC378

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
2N6516 SAMSUNG-2N6516 Datasheet
35Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW33 SAMSUNG-BCW33 Datasheet
27Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW60B SAMSUNG-BCW60B Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BC237 FAIRCHILD-BC237 Datasheet
45Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
BC846 FAIRCHILD-BC846 Datasheet
68Kb / 3P
NPN EPITAXIAL SILICON TRANSISTOR
FJN3301R FAIRCHILD-FJN3301R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3307R FAIRCHILD-FJN3307R Datasheet
37Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3308R FAIRCHILD-FJN3308R Datasheet
36Kb / 4P
NPN Epitaxial Silicon Transistor
FJNS3201R FAIRCHILD-FJNS3201R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com