Electronic Components Datasheet Search
  English  ▼

X  

BCU81 Datasheet(PDF) 2 Page - Seme LAB

Part # BCU81
Description  NPN EPITAXIAL PLANAR SILICON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BCU81 Datasheet(HTML) 2 Page - Seme LAB

  BCU81 Datasheet HTML 1Page - Seme LAB BCU81 Datasheet HTML 2Page - Seme LAB BCU81 Datasheet HTML 3Page - Seme LAB BCU81 Datasheet HTML 4Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Prelim.6/99
BCU81
Magnatec.
Telephone +44(0)1455 554711.
Fax +44(0)1455 558843.
E-mail: magnatec@semelab.co.uk Website: http://www.semelab.co.uk
Parameter
Test Conditions
Min.
Typ.
Max.
Unit.
* Pulse test tp = 300ms , d £ 2%
IC = 1mA
RBE = ¥
IC = 1mA
VBE = –3V
IC = 10mAIE = 0
IC = 0
IE = 10mA
VCB = 20V
IE = 0
IC = 0
VBE = 4V
IC = 3A
IB = 60mA
VCE = 2V
IC = 3A
VCE = 10V
IC = 50mA
VCB = 10V
f = 1MHz
10
20
30
6
1
1
0.3
0.4
140
210
200
30
Collector – Emitter
Breakdown Voltage
V(BR)CEX
Collector – Emitter Voltage
Collector – Base
Breakdown Voltage
V(BR)EBO
Emitter – Base Breakdown Voltage
ICBO
Collector Cut-Off Current
IEBO
Emitter Cut-Off Current
Collector – Emitter Saturation
Voltage
hFE*
DC Current Gain
fT
Transition frequency
Cob
Output Capacitance
V
V
V
V
mA
mA
V
—
MHz
pF
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
V(BR)CEO
V(BR)CBO
VCE(sat)*



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com