Electronic Components Datasheet Search
  English  ▼

X  

TS1935B Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS1935B
Description  1.9A / 1.2MHz Boost DC to Dc Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1935B Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS1935B Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1935B Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1935B Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1935B Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1935B Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1935B Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Preliminary
TS1935B
1.9A / 1.2MHz Boost DC to Dc Converter
3/6
Version: Preliminary
Block Diagram
VCC
SW
Control and
Driver Logic
EN
Soft
Start
Current
Sense
Slope
Compensation
Oscillator
1.2MHz
FB
Error
Amplifier
Summing
Comparator
Thermal
Shutdown
Enable/
Disable
GND
N-MOS
UVLO
Vref
1.238V
Application Circuit
R1
54K
VIN=5V
C1
10uF
L1
4.7uH
R2
470K
VOUT=12V
U1
AX5511
4
5
3
1
VCC
EN
FB
GND
SW
C3
1nF
C2
4.7uF
D1
B240A
R2 Suggest 390K~820K
ON
OFF
2
R3
R4
1M
R1
R2
VOUT = 1.238V X (1 + ------- )
VIN
VOUT
R3
2.6~3.6V
5V
120K
2.6~5.3V
7V
82K
2.6~5.5V
7.5~27V
0
TS1935B



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com