Electronic Components Datasheet Search
  English  ▼

X  

BDS18 Datasheet(PDF) 2 Page - Seme LAB

Part # BDS18
Description  SILICON PLANAR EPITAXIAL PNP TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BDS18 Datasheet(HTML) 2 Page - Seme LAB

  BDS18 Datasheet HTML 1Page - Seme LAB BDS18 Datasheet HTML 2Page - Seme LAB BDS18 Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SILICON PLANAR EPITAXIAL
PNP TRANSISTOR
BDS18
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 8667
Issue 1
Page 2 of 3
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise stated)
Symbols
Parameters
Test Conditions
Min.
Typ
Max.
Units
V(BR)CEO
(1)
Collector-Emitter
Breakdown Voltage
IC = -10mA
IB = 0
-120
V
ICEO
Collector Cut-Off Current
VCE = -60V
IB = 0
-0.1
mA
ICBO
Collector Cut-Off Current
VCB = -120V
IE = 0
-20
IEBO
Emitter Cut-Off Current
VEB = -5V
IC = 0
-10
µA
IC = -0.5A
VCE = -2V
40
250
hFE
(1)
Forward-current transfer
ratio
IC = -4A
VCE = -2V
15
150
IC = -0.5A
IB = -0.05A
-0.4
VCE(sat)
(1)
Collector-Emitter Saturation
Voltage
IC = -4A
IB = -0.4A
-1.5
VBE(on)
(1)
Base-Emitter Voltage
IC = -1.0A
VCE = -2V
-1.4
V
DYNAMIC CHARACTERISTICS
IC = -0.5A
VCE = -4V
fT
Transition Frequency
f = 5MHz
10
MHz
IC = -2A
VCC = -80V
ton
Turn-On Time
IB1 = -0.2A
0.5
ts
Storage Time
IC = -2A
VCC = -80V
1.5
tf
Fall Time
IB1 = - IB2 = -0.2A
0.3
µs
Notes
Notes
Notes
Notes
(1)
Pulse Width ≤ 300us, δ ≤ 2%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com