Electronic Components Datasheet Search
  English  ▼

X  

BDS20 Datasheet(PDF) 1 Page - Seme LAB

Part # BDS20
Description  SILICON EPIBASE NPN DARLINGTON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BDS20 Datasheet(HTML) 1 Page - Seme LAB

  BDS20 Datasheet HTML 1Page - Seme LAB BDS20 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SILICON EPIBASE NPN
DARLINGTON TRANSISTOR
Semelab Limited reserves the right to change test conditions, parameter limits and package dimensions without notice.
Information furnished by Semelab is believed to be both accurate and reliable at the time of going to press. However
Semelab assumes no responsibility for any errors or omissions discovered in its use. Semelab encourages customers to
verify that datasheets are current before placing orders.
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 8215
Issue 1
Page 1 of 2
BDS20
•
High DC Current Gain
•
Hermetic Metal TO-220 Package
•
Designed For General Purpose Amplifiers and
Low Speed Switching Applications
•
Screening Options Available
ABSOLUTE MAXIMUM RATINGS (T
C = 25°C unless otherwise stated)
VCBO
Collector – Base Voltage
80V
VCEO
Collector – Emitter Voltage
80V
VEBO
Emitter – Base Voltage
5V
IC
Continuous Collector Current
5A
IB
Base Current
0.1A
PD
Total Power Dissipation at
TC = 25°C
35W
Derate Above 25°C
0.2W/°C
TJ
Junction Temperature Range
-65 to +200°C
Tstg
Storage Temperature Range
-65 to +200°C
THERMAL PROPERTIES
Symbols
Parameters
Min.
Typ.
Max.
Units
RθJC
Thermal Resistance, Junction To Case
5
°C/W
** This datasheet supersedes document 7603


Similar Part No. - BDS20

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BDS20 SEME-LAB-BDS20 Datasheet
20Kb / 2P
SILICON PNP EPITAXIAL BASE IN TO220 METAL AND SMD1 CERAMIC SURFACE MOUNT PACKAGES
logo
TT Electronics.
BDS20 TTELEC-BDS20 Datasheet
803Kb / 2P
SILICON EPIBASE NPN DARLINGTON TRANSISTOR
logo
Seme LAB
BDS20SMD SEME-LAB-BDS20SMD Datasheet
20Kb / 2P
SILICON PNP EPITAXIAL BASE IN TO220 METAL AND SMD1 CERAMIC SURFACE MOUNT PACKAGES
BDS20SMD SEME-LAB-BDS20SMD Datasheet
457Kb / 2P
SILICON EPIBASE NPN DARLINGTON TRANSISTOR
More results

Similar Description - BDS20

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BD433 SIEMENS-BD433 Datasheet
180Kb / 5P
NPN SILICON EPIBASE TRANSISTORS
BD611 SIEMENS-BD611 Datasheet
121Kb / 4P
NPN SILICON EPIBASE TRANSISTORS
logo
ON Semiconductor
MMBT6427LT1 ONSEMI-MMBT6427LT1_06 Datasheet
71Kb / 6P
Darlington Transistor NPN Silicon
February, 2006 ??Rev. 2
logo
Seme LAB
BDS20SMD SEME-LAB-BDS20SMD Datasheet
457Kb / 2P
SILICON EPIBASE NPN DARLINGTON TRANSISTOR
BDS21 SEME-LAB-BDS21 Datasheet
803Kb / 2P
SILICON EPIBASE PNP DARLINGTON TRANSISTOR
BDS21SMD SEME-LAB-BDS21SMD Datasheet
457Kb / 2P
SILICON EPIBASE PNP DARLINGTON TRANSISTOR
logo
Fairchild Semiconductor
KSH122TF FAIRCHILD-KSH122TF Datasheet
178Kb / 7P
NPN Silicon Darlington Transistor
KSH122TM FAIRCHILD-KSH122TM Datasheet
178Kb / 7P
NPN Silicon Darlington Transistor
logo
TT Electronics.
BDS20 TTELEC-BDS20 Datasheet
803Kb / 2P
SILICON EPIBASE NPN DARLINGTON TRANSISTOR
BDS21 TTELEC-BDS21 Datasheet
803Kb / 2P
SILICON EPIBASE PNP DARLINGTON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com