Electronic Components Datasheet Search
  English  ▼

X  

TS2596SCSRL Datasheet(PDF) 7 Page - Taiwan Semiconductor Company, Ltd

Part # TS2596SCSRL
Description  2A / 150KHz Buck Dc-Dc Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2596SCSRL Datasheet(HTML) 7 Page - Taiwan Semiconductor Company, Ltd

  TS2596SCSRL Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2596SCSRL Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2596SCSRL Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2596SCSRL Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2596SCSRL Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2596SCSRL Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2596SCSRL Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS2596SCSRL Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS2596SCSRL Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TS2596S
2A / 150KHz Buck Dc-Dc Converter
7/9
Version: B07
Electrical Characteristics Curve
Figure 7 – Threshold Voltage vs. Temperature
Figure 8 – ON/OFF Current vs. voltage
Figure 9 – Output Voltage vs. Temperature
Figure 10 – Feedback Current vs. Temperature
Figure 11 – Efficiency (Vin=12V, Vo=3.3V)
Figure 12 – Efficiency (Vin=12V, Vo=5V)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com